データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-071 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 LM-071
部品情報  Bluetooth Module ??Part Code LM-071 Class 2 BC04
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LM-071 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  LM-071 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LM-071
0121 270 6232 | www.lm-technologies.com | glen@lm-technologies.com
Page Number : 3 of 6
Adjacent channel selectivity C/I F
=Fimage(3)(5)
-
-18
-9
<= - 9
dB
Adjacent channel transmit power F
=F0±2MHz(4)(5)
-
-35
-20
<= - 20
dBc
Adjacent channel transmit power F
=F0±3MHz(4)(5)
-
-55
-40
<= - 40
dBc
Notes:
(1)
BlueCore-External firmware maintains the transmit power to be within the Bluetooth specification v2.0
limits.
(2)
Class 2 RF transmit power range, Bluetooth specification v2.0
(3)
Up to five exceptions are allowed in v2.0 of the Bluetooth specification
(4)
Up to three exceptions are allowed in v2.0 of the Bluetooth specification
(5)
Measured at F0 = 2441MHz
Radio Characteristics – Enhanced Data Rate
Transmitter , VDD = 3.3V Temperature =+20°C
Frequency
(GHz)
Min.
Typ.
Max.
Bluetooth
Specification
Unit
2.402
-6
0
+2
dBm
2.441
-6
0
+2
dBm
Maximum RF transmit power
2.480
-6
0
+2
-6 to +20
dBm
Relative transmit power
-
-1.5
-
-4 to +1
dB
π/4 DQPSK
Maximum carrier frequency stability w0
-
2
-
<
±10 for all blocks
kHz
π/4 DQPSK
Maximum carrier frequency stability wi
-
6
-
<
±75 for all
packets
kHz
π/4 DQPSK
Maximum carrier frequency stability | w0 + wi |
-
8
-
<
±75 for all blocks
kHz
8 DPSK
Maximum carrier frequency stability w0
-
2
-
<
±10 for all blocks
kHz
8 DPSK
Maximum carrier frequency stability wi
-
6
-
<
±75 for all
packets
kHz
8 DPSK
Maximum carrier frequency stability | w0 + wi |
-
8
-
<
±75 for all blocks
kHz
RMS DVEM
-
7
-
< 20
%
99% DEVM
-
1
3
-
< 30
%
π/4 DQPSK
Modulation Accuracy
Peak DEVM
-
1
9
-
< 35
%
RMS DVEM
-
7
-
< 13
%
99% DEVM
-
1
3
-
< 20
%
8 DPSK
Modulation Accuracy
Peak DEVM
-
1
7
-
< 25
%
F
>F0 +3 MHz
-
<-50
-
<
-40
dBm
In-band spurious emissions
F<F0 -3 MHz
-
<-50
-
<
-40
dBm


同様の部品番号 - LM-071

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM-072 ETC2-LM-072 Datasheet
867Kb / 6P
   Bluetooth Module - Part Code LM-072
More results

同様の説明 - LM-071

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM-072 ETC2-LM-072 Datasheet
867Kb / 6P
   Bluetooth Module - Part Code LM-072
logo
Delta Electronics, Inc.
DLBM-CF120 DELTA-DLBM-CF120 Datasheet
246Kb / 13P
   Bluetooth Module Class 2
logo
List of Unclassifed Man...
F2M03C2 ETC2-F2M03C2 Datasheet
765Kb / 46P
   Class 2 Bluetooth??Module
logo
Delta Electronics, Inc.
DLBM-CH122 DELTA-DLBM-CH122 Datasheet
166Kb / 13P
   Bluetooth Module Class 2
logo
STMicroelectronics
GS-BT2416C2 STMICROELECTRONICS-GS-BT2416C2 Datasheet
237Kb / 10P
   Bluetooth Class 2 Module
logo
Delta Electronics, Inc.
DFBM-CM22A DELTA-DFBM-CM22A Datasheet
356Kb / 9P
   Bluetooth Module Class 2
DLBM-CH120 DELTA-DLBM-CH120 Datasheet
353Kb / 40P
   Bluetooth Module Class 2
logo
Panasonic Semiconductor
ENW89815C3KF PANASONIC-ENW89815C3KF Datasheet
667Kb / 33P
   CLASS 2 BLUETOOTH MODULE
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
   Bluetooth V1.2 Class 2 Module
logo
STMicroelectronics
SPBT2532C2AT STMICROELECTRONICS-SPBT2532C2AT Datasheet
909Kb / 48P
   Bluetooth technology class-2 module
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com