データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-071 データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 LM-071
部品情報  Bluetooth Module ??Part Code LM-071 Class 2 BC04
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LM-071 データシート(HTML) 6 Page - List of Unclassifed Manufacturers

  LM-071 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LM-071
0121 270 6232 | www.lm-technologies.com | glen@lm-technologies.com
Page Number : 6 of 6
LM-071 Pin out Information
PIN DETAILS VIEWED FROM TOP SIDE
MODULE PAD AND SOLDER MASK DETALS
SOLDER MASK WINDOW 1.0mm MAX
SOLDER PAD 0.8mm
MECHANICAL DETAILS VIEWED FROM TOP/BOTTOM SIDE
17
18
34
Top View
BottomView
PCB Layout (Top View)
Design to Micro Strip Line
1
34
PIO(8)
GND
PIO(9)
RF_IO
PIO(10)
GND
AIO( 0 )
PIO( 0)
AIO( 1 )
PIO( 1 )
RESET
PIO( 2 )
SPI_ MISO
PIO( 3 )
SPI_CSB
PIO( 4 )
SPI_CLK
PIO( 5 )
SPI_MOSI
PIO( 6 )
UART_CTS
PIO( 7 )
UART_TX
USB_DN
UART_RTS
USB_DP
UART_RX
PCM_CLK
PIO(11)
PCM_IN
3V3
PCM_SYNC
GND
PCM_OUT
17
18


同様の部品番号 - LM-071

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM-072 ETC2-LM-072 Datasheet
867Kb / 6P
   Bluetooth Module - Part Code LM-072
More results

同様の説明 - LM-071

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM-072 ETC2-LM-072 Datasheet
867Kb / 6P
   Bluetooth Module - Part Code LM-072
logo
Delta Electronics, Inc.
DLBM-CF120 DELTA-DLBM-CF120 Datasheet
246Kb / 13P
   Bluetooth Module Class 2
logo
List of Unclassifed Man...
F2M03C2 ETC2-F2M03C2 Datasheet
765Kb / 46P
   Class 2 Bluetooth??Module
logo
Delta Electronics, Inc.
DLBM-CH122 DELTA-DLBM-CH122 Datasheet
166Kb / 13P
   Bluetooth Module Class 2
logo
STMicroelectronics
GS-BT2416C2 STMICROELECTRONICS-GS-BT2416C2 Datasheet
237Kb / 10P
   Bluetooth Class 2 Module
logo
Delta Electronics, Inc.
DFBM-CM22A DELTA-DFBM-CM22A Datasheet
356Kb / 9P
   Bluetooth Module Class 2
DLBM-CH120 DELTA-DLBM-CH120 Datasheet
353Kb / 40P
   Bluetooth Module Class 2
logo
Panasonic Semiconductor
ENW89815C3KF PANASONIC-ENW89815C3KF Datasheet
667Kb / 33P
   CLASS 2 BLUETOOTH MODULE
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
   Bluetooth V1.2 Class 2 Module
logo
STMicroelectronics
SPBT2532C2AT STMICROELECTRONICS-SPBT2532C2AT Datasheet
909Kb / 48P
   Bluetooth technology class-2 module
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com