データシートサーチシステム |
|
LM071 データシート(PDF) 3 Page - List of Unclassifed Manufacturers |
|
LM071 データシート(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 6 page LM-071 0121 270 6232 | www.lm-technologies.com | glen@lm-technologies.com Page Number : 3 of 6 Adjacent channel selectivity C/I F =Fimage(3)(5) - -18 -9 <= - 9 dB Adjacent channel transmit power F =F0±2MHz(4)(5) - -35 -20 <= - 20 dBc Adjacent channel transmit power F =F0±3MHz(4)(5) - -55 -40 <= - 40 dBc Notes: (1) BlueCore-External firmware maintains the transmit power to be within the Bluetooth specification v2.0 limits. (2) Class 2 RF transmit power range, Bluetooth specification v2.0 (3) Up to five exceptions are allowed in v2.0 of the Bluetooth specification (4) Up to three exceptions are allowed in v2.0 of the Bluetooth specification (5) Measured at F0 = 2441MHz Radio Characteristics – Enhanced Data Rate Transmitter , VDD = 3.3V Temperature =+20°C Frequency (GHz) Min. Typ. Max. Bluetooth Specification Unit 2.402 -6 0 +2 dBm 2.441 -6 0 +2 dBm Maximum RF transmit power 2.480 -6 0 +2 -6 to +20 dBm Relative transmit power - -1.5 - -4 to +1 dB π/4 DQPSK Maximum carrier frequency stability w0 - 2 - < ±10 for all blocks kHz π/4 DQPSK Maximum carrier frequency stability wi - 6 - < ±75 for all packets kHz π/4 DQPSK Maximum carrier frequency stability | w0 + wi | - 8 - < ±75 for all blocks kHz 8 DPSK Maximum carrier frequency stability w0 - 2 - < ±10 for all blocks kHz 8 DPSK Maximum carrier frequency stability wi - 6 - < ±75 for all packets kHz 8 DPSK Maximum carrier frequency stability | w0 + wi | - 8 - < ±75 for all blocks kHz RMS DVEM - 7 - < 20 % 99% DEVM - 1 3 - < 30 % π/4 DQPSK Modulation Accuracy Peak DEVM - 1 9 - < 35 % RMS DVEM - 7 - < 13 % 99% DEVM - 1 3 - < 20 % 8 DPSK Modulation Accuracy Peak DEVM - 1 7 - < 25 % F >F0 +3 MHz - <-50 - < -40 dBm In-band spurious emissions F<F0 -3 MHz - <-50 - < -40 dBm |
同様の部品番号 - LM071 |
|
同様の説明 - LM071 |