データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM071 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 LM071
部品情報  Bluetooth Module ??Part Code LM-071 Class 2 BC04
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LM071 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  LM071 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM071 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM071 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM071 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM071 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM071 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LM-071
0121 270 6232 | www.lm-technologies.com | glen@lm-technologies.com
Page Number : 1 of 6
Bluetooth ® Module – Part Code LM-071
Class 2 BC04
Features
General Electrical Specification
Parameter
Description
Min.
Typ.
Max.
Units
Operating Voltage
(VDD)
3.00
3.30
3.60
V
RF Output Power
Measured in 50 ohm
-6
0
4
dBm
RX Sensitivity
-83
-80
dBm
Input Low Voltage
RESET,UART,GPIO,PCM
-0.30
-
0.80
V
Input High Voltage
RESET,UART,GPIO,PCM
0.70VDD
-
VDD+0.30
V
Output Low Voltage
UART,GPIO,PCM
-
-
0.40
V
Output High Voltage
UART,GPIO,PCM
VDD -0.40
-
-
V
Average Current Consumption
Deep sleep
40
uA
Average Current Consumption
ACL 40ms sniff
2.4
mA
Average Current Consumption
SCO connection HV1
39
-
mA
Peak C urrent
Tx burst +4dBm
-
58
mA
Block Diagram
RF_I O
Đ
The module is a Max
.4dBm( Class2 ) module.
Đ
Bluetooth standard Ver. 2.0
+ EDRcertification.
Đ
Low current consumption :
Hold,Sniff,Park ,Deep sleep Mode
Đ
3.0v to 3.6v operation
Đ
S upport for up to 7 ACL links and 3 SCO links
Đ
Interface: USB, UART&PCM(for voice CODEC)
Đ
SPP,HSP/HFP,HID,DUN
firmware are available
Đ
Support for 802.11 Co -Existence
Đ
RoHS compliant
Đ
Small outline.
25 x 14.5 x 2.2 mm
Applications
Đ
PDA
Đ
Cordless headset
Đ
Digital camera & printer
Đ
Access Points
Đ
GPS,POS, Barcode Reader
Đ
Domestic and industrial applications
PF+BB
I/O
Regulator
Balun
B.P.F
Loop Filter
Xtal
Flash
Memory
VDD
UART(4)
USB(2)
PCM(4)
SPI(4)
GPIO( 14)
RESET
GND(3)


同様の部品番号 - LM071

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
LM0708 LEIDITECH-LM0708 Datasheet
1Mb / 6P
   N-Channel Super Trench Power MOSFET
logo
List of Unclassifed Man...
LM072 ETC-LM072 Datasheet
3Mb / 11P
   Standalone (With Embedded Bluetooth® v2.0/v2.1 Stack)
More results

同様の説明 - LM071

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM-072 ETC2-LM-072 Datasheet
867Kb / 6P
   Bluetooth Module - Part Code LM-072
logo
Delta Electronics, Inc.
DLBM-CF120 DELTA-DLBM-CF120 Datasheet
246Kb / 13P
   Bluetooth Module Class 2
logo
List of Unclassifed Man...
F2M03C2 ETC2-F2M03C2 Datasheet
765Kb / 46P
   Class 2 Bluetooth??Module
logo
Delta Electronics, Inc.
DLBM-CH122 DELTA-DLBM-CH122 Datasheet
166Kb / 13P
   Bluetooth Module Class 2
logo
STMicroelectronics
GS-BT2416C2 STMICROELECTRONICS-GS-BT2416C2 Datasheet
237Kb / 10P
   Bluetooth Class 2 Module
logo
Delta Electronics, Inc.
DFBM-CM22A DELTA-DFBM-CM22A Datasheet
356Kb / 9P
   Bluetooth Module Class 2
DLBM-CH120 DELTA-DLBM-CH120 Datasheet
353Kb / 40P
   Bluetooth Module Class 2
logo
Panasonic Semiconductor
ENW89815C3KF PANASONIC-ENW89815C3KF Datasheet
667Kb / 33P
   CLASS 2 BLUETOOTH MODULE
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
   Bluetooth V1.2 Class 2 Module
logo
STMicroelectronics
SPBT2532C2AT STMICROELECTRONICS-SPBT2532C2AT Datasheet
909Kb / 48P
   Bluetooth technology class-2 module
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com