データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL-W5E2 データシート(PDF) 7 Page - Omron Electronics LLC

部品番号 TL-W5E2
部品情報  Miniature Inductive Prox
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-W5E2 データシート(HTML) 7 Page - Omron Electronics LLC

  TL-W5E2 Datasheet HTML 1Page - Omron Electronics LLC TL-W5E2 Datasheet HTML 2Page - Omron Electronics LLC TL-W5E2 Datasheet HTML 3Page - Omron Electronics LLC TL-W5E2 Datasheet HTML 4Page - Omron Electronics LLC TL-W5E2 Datasheet HTML 5Page - Omron Electronics LLC TL-W5E2 Datasheet HTML 6Page - Omron Electronics LLC TL-W5E2 Datasheet HTML 7Page - Omron Electronics LLC TL-W5E2 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TL-W
TL-W
7
TL-W20ME❑
40
(1.57) 30
(1.18)
53 (2.09)
1.5
(0.06)
23
(0.91) 18
1
2 m (6.56 ft) cable
Sensing surface
s INFLUENCE OF SURROUNDING METALS
When mounting the proximity sensor flush
with a metallic panel, be sure to allow a
minimum distance as shown in the table
below. If the other side is open, the value
of "l" is zero.
Precautions
Distance
" l "n
TL-W3M
3 mm (0.12 in)
12 mm (0.47 in)
TL-W5M
5 mm (0.20 in)
20 mm (0.79 in)
TL-W20M
25 mm (0.98 in)
100 mm (0.34 in)
Distance
A
B
TL-W3M
90 mm (3.54 in)
30 mm (1.18 in)
TL-W5M
120 mm (4.72 in)
60 mm (2.36 in)
TL-W5❑
50 mm (1.97 in)
35 mm (1.38 in)
TL-W20M
200 mm (7.87 in)
200 mm (7.87 in)
When mounting two or more sensors of
the same type face to face or side by side,
be sure to provide a minimum distance as
shown in the table below.
s MUTUAL INTERFERENCE
OPERATION
indicator
Two 5.5 dia.
mounting holes
27 (11.06)
±0.1
6 (0.24)
5
(0.20)
5
(0.20)
18
(0.71)


同様の部品番号 - TL-W5E2

メーカー部品番号データシート部品情報
logo
TP-Link Technologies Co...
TL-WA701ND TP-LINK-TL-WA701ND Datasheet
956Kb / 3P
   150Mbps Wireless N Router
TL-WDR4900 TP-LINK-TL-WDR4900 Datasheet
4Mb / 3P
   N900 Wireless Dual Band Gigabit Router
TL-WN7200ND TP-LINK-TL-WN7200ND Datasheet
4Mb / 7P
   High Power Wireless N Router
TL-WN727N TP-LINK-TL-WN727N Datasheet
956Kb / 3P
   150Mbps Wireless N Router
TL-WN727N TP-LINK-TL-WN727N Datasheet
1Mb / 2P
   150Mbps Wireless N Router
More results

同様の説明 - TL-W5E2

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E-X5E1-M1 OMRON-E2E-X5E1-M1 Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2E2-X2C1 OMRON-E2E2-X2C1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
E2KC25MF1 OMRON-E2KC25MF1 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
E2S OMRON-E2S Datasheet
545Kb / 8P
   Miniature Square Inductive Proximity Sensor
logo
G.M. International
D5034 GMI-D5034 Datasheet
174Kb / 2P
   I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com