データシートサーチシステム |
|
K100K15C0GF5.H5 データシート(PDF) 2 Page - Vishay Siliconix |
|
K100K15C0GF5.H5 データシート(HTML) 2 Page - Vishay Siliconix |
2 / 13 page www.vishay.com For technical questions, contact: cmll@vishay.com Document Number: 45175 56 Revision: 16-Nov-09 Mono-Kap Vishay Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC QUICK REFERENCE DATA DESCRIPTION VALUE Capacitance range 10 pF to 8200 pF 100 pF to 1.0 µF 0.1 µF to 1.0 µF Rated DC voltage 50 V 100 V 50 V 100 V 50 V 100 V Tolerance on capacitance ± 5 %, ± 10 % ± 10 %, ± 20 % + 80 %/- 20 % Dielectric Code C0G (NP0) X7R Y5V ORDERING INFORMATION K 103 K 15 X7R F 5 3 H 5 PRODUCT TYPE CAPACITANCE CODE CAPACITANCE TOLERANCE SIZE CODE TEMP. CHAR. RATED VOLTAGE LEAD DIA. LEAD LENGTH/ PACKAGING LEAD STYLE LEAD SPACING K = Mono-Kap Two significant digits followed by the number of zeros. For example: 103 = 10 000 pF J = ± 5 % K = ± 10 % M = ± 20 % Z = + 80 %/- 20 % Ref. mech. spec. C0G X7R Y5V F = 50 VDC H = 100 VDC 5 = 0.5 mm (0.20") 3 = Bulk, with lead length of 30 mm ± 5.0 mm (1.25") T = Tape and reel U = Ammopack L = Straight Lead H = High seated assy 2 = 2.5 mm (0.100") 5 = 5.0 mm (0.200") Ordering Example: K-103-K-15-X7R-F-5-3-H-5 |
同様の部品番号 - K100K15C0GF5.H5 |
|
同様の説明 - K100K15C0GF5.H5 |