データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDN8601 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDN8601
部品情報  N-Channel PowerTrench짰 MOSFET 100 V, 2.7 A, 109 m
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN8601 データシート(HTML) 3 Page - Fairchild Semiconductor

  FDN8601 Datasheet HTML 1Page - Fairchild Semiconductor FDN8601 Datasheet HTML 2Page - Fairchild Semiconductor FDN8601 Datasheet HTML 3Page - Fairchild Semiconductor FDN8601 Datasheet HTML 4Page - Fairchild Semiconductor FDN8601 Datasheet HTML 5Page - Fairchild Semiconductor FDN8601 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2010 Fairchild Semiconductor Corporation
FDN8601 Rev. C
www.fairchildsemi.com
3
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
01
23
45
0
3
6
9
12
V
GS = 7 V
V
GS = 6 V
V
GS = 10 V
PULSE DURATION = 80
Ps
DUTY CYCLE = 0.5% MAX
V
GS = 5 V
V
GS = 8 V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure 2.
0
369
12
0
1
2
3
4
5
V
GS = 5 V
PULSE DURATION = 80
Ps
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 7 V
V
GS = 8 V
V
GS = 6 V
V
GS = 10 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On- Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
ID = 1.5 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE
(oC)
vs Junction Temperature
Figure 4.
45
67
8
9
10
0
100
200
300
400
500
TJ = 125 oC
ID = 1.5 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
Ps
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
23
456
78
0
3
6
9
12
TJ = 25 oC
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80
Ps
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
20
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


同様の部品番号 - FDN8601

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDN86246 FAIRCHILD-FDN86246 Datasheet
163Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDN86265P FAIRCHILD-FDN86265P Datasheet
270Kb / 7P
   P-Channel PowerTrench MOSFET
logo
TECH PUBLIC Electronics...
FDN86265P-TP TECHPUBLIC-FDN86265P-TP Datasheet
1Mb / 3P
   -150V,P-Channel Power Trench MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com