データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC546 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 BC546
部品情報  NPN EPITAXIAL SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC546 データシート(HTML) 2 Page - Fairchild Semiconductor

  BC546 Datasheet HTML 1Page - Fairchild Semiconductor BC546 Datasheet HTML 2Page - Fairchild Semiconductor BC546 Datasheet HTML 3Page - Fairchild Semiconductor BC546 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. Transfer Characteristic
Figure 3. DC current Gain
Figure 4. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 5. Output Capacitance
Figure 6. Current Gain Bandwidth Product
0
2468
10
12
14
16
18
20
0
20
40
60
80
100
I
B = 50µA
I
B = 100µA
I
B = 150µA
I
B = 200µA
I
B = 250µA
I
B = 300µA
I
B = 350µA
I
B = 400µA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
VCE = 5V
VBE[V], BASE-EMITTER VOLTAGE
1
10
100
1000
1
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT
1
10
100
1000
10
100
1000
10000
IC = 10 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
1
10
100
1000
0.1
1
10
100
f=1MHz
IE = 0
VCB[V], COLLECTOR-BASE VOLTAGE
0.1
1
10
100
1
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT


同様の部品番号 - BC546

メーカー部品番号データシート部品情報
logo
Continental Device Indi...
BC546 CDIL-BC546 Datasheet
124Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Motorola, Inc
BC546 MOTOROLA-BC546 Datasheet
193Kb / 6P
   Amplifier Transistors
logo
ARTSCHIP ELECTRONICS CO...
BC546 ARTSCHIP-BC546 Datasheet
179Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Tiger Electronic Co.,Lt...
BC546 TGS-BC546 Datasheet
304Kb / 1P
   TO-92 Plastic-Encapsulate Transistors (NPN)
More results

同様の説明 - BC546

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com