データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

E1010S データシート(PDF) 1 Page - General Cable Technologies Corporation

部品番号 E1010S
部品情報  10C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERAL [General Cable Technologies Corporation]
ホームページ  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

E1010S データシート(HTML) 1 Page - General Cable Technologies Corporation

  E1010S Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: E1010S
Date:
10/29/2007
Revision Level:
702
10C 22 AWG 7/30 BC SR-PVC PVC
Sound, Alarm & Security Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#22 AWG 7/30 Bare Copper
0.008” Wall Semi-Rigid Polyvinyl Chloride
0.015” Wall Polyvinyl Chloride – Gray
0.029” nom.
CAROL A (R) 22 AWG - - E1010S - - 75C E60233-8 (UL) CL3R - - - C(UL) CMR - - MADE IN
USA (DATE CODE & REVERSE SEQUENTIAL FOOTAGE)
10C @ 4.00” LHL
0.182” nom.
0.045” nom.
0.212" +/- 0.011"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
75C
300V
14.8 Ohms/1000 ft nom
26.76 pF/ft @ 1kHz nom
71.9 Ohms @ 1MHz nom
National Electrical Code
Article 725
UL Standard 13
Type CL3R
National Electrical Code
Article 800
UL Standard 444
Type CMR
1
2
3
4
5
6
7
8
9
10
Black
Red
White
Green
Brown
Blue
Orange
Yellow
Violet
Gray
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


同様の部品番号 - E1010S

メーカー部品番号データシート部品情報
logo
Gilway Technical Lamp
E1010 GILWAY-E1010 Datasheet
183Kb / 3P
   Light Bar
logo
Estek Electronics Co. L...
E1010 ESTEK-E1010 Datasheet
207Kb / 3P
   HEXFET Power MOSFET
More results

同様の説明 - E1010S

メーカー部品番号データシート部品情報
logo
General Cable Technolog...
E2010S GENERAL-E2010S Datasheet
74Kb / 1P
   10C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E1002S GENERAL-E1002S Datasheet
73Kb / 1P
   2C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E1008S GENERAL-E1008S Datasheet
74Kb / 1P
   8C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E1012S GENERAL-E1012S Datasheet
74Kb / 1P
   12C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E1006S GENERAL-E1006S Datasheet
73Kb / 1P
   6C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E1003S GENERAL-E1003S Datasheet
73Kb / 1P
   3C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E1004S GENERAL-E1004S Datasheet
73Kb / 1P
   4C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E2003S GENERAL-E2003S Datasheet
74Kb / 1P
   3C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2006S GENERAL-E2006S Datasheet
74Kb / 1P
   6C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2012S GENERAL-E2012S Datasheet
74Kb / 1P
   12C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com