データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP54 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 BCP54
部品情報  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCP54 データシート(HTML) 1 Page - Fairchild Semiconductor

  BCP54 Datasheet HTML 1Page - Fairchild Semiconductor BCP54 Datasheet HTML 2Page - Fairchild Semiconductor BCP54 Datasheet HTML 3Page - Fairchild Semiconductor BCP54 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN General Purpose Amplifier
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
BCP54
This device is designed for general purpose medium power
amplifiers and switching circuits requiring collector currents
to 1.2 A. Sourced from Process 38.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
45
V
VCBO
Collector-Base Voltage
45
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
1.5
A
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
B
C
C
SOT-223
E
Symbol
Characteristic
Max
Units
BCP54
PD
Total Device Dissipation
Derate above 25
°C
1.5
12
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
83.3
°C/W
Discrete POWER & Signal
Technologies
ã
1997 Fairchild Semiconductor Corporation


同様の部品番号 - BCP54

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
logo
Nexperia B.V. All right...
BCP54 NEXPERIA-BCP54 Datasheet
249Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
logo
Siemens Semiconductor G...
BCP54 SIEMENS-BCP54 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
SHENZHEN YONGERJIA INDU...
BCP54 WINNERJOIN-BCP54 Datasheet
186Kb / 3P
   TRANSISTOR (NPN)
More results

同様の説明 - BCP54

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com