データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCX70H データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 BCX70H
部品情報  NPN EPITAXIAL SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCX70H データシート(HTML) 1 Page - Fairchild Semiconductor

  BCX70H Datasheet HTML 1Page - Fairchild Semiconductor BCX70H Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCX70H
NPN EPITAXIAL SILICON TRANSISTOR
GENERAL PURPOSE TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (TA=25
°°C)
• Refer to KS3904 for graphs
ELECTRICAL CHARACTERISTICS (TA=25
°°C)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current
Collector Dissipation
Storage Temperature
VCBO
VCEO
VEBO
IC
PC
TSTG
45
45
5
200
350
150
V
V
V
mA
mW
°C
Characteristic
Symbol
Test Conditions
Min
Max
Unit
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector Cut-off Current
Emitter Cut-off Current
DC Current Gain
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Base-Emitter On Voltage
Current Gain Bandwidth Product
Output Capacitance
Noise Figure
Turn On Time
Turn Off Time
BVCEO
BVEBO
ICES
IEBO
hFE
VCE (sat)
VBE (sat)
VBE (on)
fT
COB
NF
TON
TOFF
IC=2.0mA, IB=0
IE=1.0
µA, I
C=0
VCE=32V, VBE=0
VEB=4V, IC=0
VCE=5V, IC=10
µA
VCE=5V, IC=2.0mA
VCE=1V, IC=50mA
IC=10mA, IB=0.25mA
IC=50mA, IB=1.25mA
IC=10mA, IB=0.25mA
IC=50mA, IB=1.25mA
IC=2.0mA, VCE=5V
IC=10mA, VCE=5V
VCE=10V, IE=0
f=1MHz
VCE=5V, IC=0.2mA
RS=2K
Ω, f=1KHz
IC=10mA, IB1=1.0mA
VBB=3.6V, IB2=1.0mA
R1=R2=5K
Ω, R
L=990
45
5
120
180
70
0.6
0.7
0.55
125
20
20
310
0.35
0.55
0.85
1.05
0.75
4.5
6
150
800
V
V
nA
nA
V
V
V
V
V
MHz
pF
dB
ns
ns
SOT-23
1. Base 2. Emitter 3. Collector
©1999 Fairchild Semiconductor Corporation
Rev. B


同様の部品番号 - BCX70H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCX70H PHILIPS-BCX70H Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
logo
Central Semiconductor C...
BCX70H CENTRAL-BCX70H Datasheet
329Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR DESCRIPTION:
logo
Samsung semiconductor
BCX70H SAMSUNG-BCX70H Datasheet
33Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Continental Device Indi...
BCX70H CDIL-BCX70H Datasheet
87Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Siemens Semiconductor G...
BCX70H SIEMENS-BCX70H Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

同様の説明 - BCX70H

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com