データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCX79 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 BCX79
部品情報  PNP General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCX79 データシート(HTML) 2 Page - Fairchild Semiconductor

  BCX79 Datasheet HTML 1Page - Fairchild Semiconductor BCX79 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = 10 mA, IB = 045V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 1.0
µA, I
C = 0
5.0
V
ICEX
Collector Cutoff Current
VCE = 45 V, VBE = 0.2 V,
TA = +100
°C
20
µA
ICES
Collector Cutoff Current
VCE = 45 V, IE = 0,
VCE = 45 V, IE = 0, TA = +125
°C
10
2.5
nA
µA
IEBO
Emitter Cutoff Current
VEB = 4.0 V, IC = 0
20
nA
ON CHARACTERISTICS
hFE
DC Current Gain
VCE = 5.0 V, IC = 2.0 mA
VCE = 1.0 V, IC = 10 mA
VCE = 1.0 V, IC = 100 mA
120
80
40
630
1,000
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 100 mA, IB = 2.5 mA
0.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 100 mA, IB = 2.5 mA
1.0
V
VBE(on)
Base-Emitter On Voltage
VCE = 5.0 V, IC = 2.0 mA
VCE = 1.0 V, IC = 100 mA
0.6
0.7
0.9
V
V
SMALL SIGNAL CHARACTERISTICS
Ccb
Collector-Base Capacitance
VCB = 10 V, f = 1.0 MHz
4.5
pF
Ceb
Emitter-Base Capacitance
VEB = 0.5 V, f = 1.0 MHz
15
pF
hie
Input Impedance
IC = 2.0 mA, VCE = 5.0 V,
f = 1.0 kHz
1.6
8.5
k
hoe
Output Admittance
IC = 2.0 mA, VCE = 5.0 V,
f = 1.0 kHz
100
µmhos
NF
Noise Figure
VCE = 5.0 V, IC = 0.2 mA,
RS = 2.0 k
Ω, f = 1.0 kHz
6.0
dB
SWITCHING CHARACTERISTICS
ton
Turn-on Time
VCC = 10 V, IC = 10 mA,
VBB = 3.6 V, IB1 = IB2 = 1.0 mA
150
ns
ton
Turn-on Time
VCC = 10 V, IC = 100 mA,
VBB = 5.0 V, IB1 = IB2 = 10 mA
150
ns
toff
Turn-off Time
VCC = 10 V, IC = 10 mA,
VBB = 3.6 V, IB1 = IB2 = 1.0 mA
800
ns
toff
Turn-off Time
VCC = 10 V, IC = 100 mA,
VBB = 5.0 V, IB1 = IB2 = 10 mA
800
ns


同様の部品番号 - BCX79

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BCX79 SIEMENS-BCX79 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BCX79 FAIRCHILD-BCX79 Datasheet
32Kb / 3P
   PNP General Purpose Amplifier
logo
American Microsemicondu...
BCX79 AMMSEMI-BCX79 Datasheet
439Kb / 1P
   Amplifiers & Switches
logo
Motorola, Inc
BCX79-10 MOTOROLA-BCX79-10 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
BCX79-7 MOTOROLA-BCX79-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
More results

同様の説明 - BCX79

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com