データシートサーチシステム |
|
LM-072 データシート(PDF) 3 Page - List of Unclassifed Manufacturers |
|
LM-072 データシート(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 6 page LM-072 Page Number : 3 of 6 Đ f1avg “Maximum Modulation ” 2.402 145 165 170 140<Đ f1avg <175 kHz 2.441 145 165 170 kHz 2.480 145 165 170 kHz Đ f2maz “Minimum Modulation ” 2.402 115 150 - >115 kHz 2.441 115 150 - kHz 2.480 115 150 - kHz Adjacent channel transmit power F =F 0±2MHz - -35 -20 <- 20 dB m Adjacent channel transmit power F =F 0±3MHz - -45 -40 <- 40 dB m Adjacent channel transmit power F >F 0 +3MHz - -50 -40 <- 40 dB m Adjacent channel transmit power F <F 0 -3MHz - -50 -40 <- 40 dB m Receiver, VDD =3.3V Temperature =+20°C Fre quency (GHz) Min . Typ . Max . Bluetooth Specification U nit Sensitivity at 0.1% BER (S ingle slot packets) 2.402 - -88 -86 <- 70 dBm 2.441 - -88 -86 dBm 2.480 - -88 -86 dBm Sensitivity at 0.1% BER (Multi slot packets) 2.402 - -88 -86 <- 70 dBm 2.441 - -88 -86 dBm 2.480 - -88 -86 dBm Maximum received signal level at 0.1% BER 2.402 -20 -10 - >- 20 dBm 2.441 -20 -10 - dBm 2.480 -20 -10 - dBm C/I co-channel - 6 11 <11 dB Adjacent channel selectivity C/I F=F 0 +1 MHz - -4 - <0 dB Adjacent channel selectivity C/I F=F 0 - 1MHz - -4 - <0 dB Adjacent channel selectivity C/I F=F 0 +2 MHz - -38 - <- 30 dB Adjacent channel selectivity C/I F=F 0 - 2MHz - -23 - <- 20 dB Adjacent channel selectivity C/I F >= F 0 +3 MHz - -45 - <- 40 dB Adjacent channel selectivity C/I F <= F 0 -5 MHz - -44 - <- 40 dB Adjacent channel selectivity C/I F =F image - -22 - <- 9 dB F 0 =2441 MHz Maximum level of intermodulation interference (n=5) -30 >-39 dBm Radio Characteristics – Enhanced Data Rate Transmitter, VDD =3.3V Temperature =+20°C Fre quency (GHz) Min . Typ . Max . Bluetooth Specification Unit Maximum RF transmit power (note) 2.402 - 6 - -6 to +20 dBm 2.441 - 6 - dBm 2.480 - 7 - dBm Relative transmit power - -1.6 - -4 to +1 dB π /4 DQPSK Maximum carrier frequency stability w 0 - 2 - <±10 for all blocks kHz π /4 DQPSK Maximum carrier frequency stability w i - 6 - <±75for all packets kHz π /4 DQPSK Maximum carrier frequency stability | w 0 + wi | - 8 - <±75for all block s kHz 8 DPSK Maximum carrier frequency stability w 0 - 2 - <±10 for all blocks kHz 0121 270 6232 | www.lm-technologies.com | sales@lm-technologies.com |
同様の部品番号 - LM-072 |
|
同様の説明 - LM-072 |