データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-072 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 LM-072
部品情報  Bluetooth Module - Part Code LM-072
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LM-072 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  LM-072 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM-072 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM-072 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM-072 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM-072 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM-072 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Part Number LM072
Page Number : 5 of 6
Pin No. Pin Name
Pin Type
Description
1
GND
GND
Common ground
2
P VCC
Power
Power Amp. Power Supply(3.3V)
3
AIO(0)
Bi -directional
Programmable I/O terminal , 32KHz sleep clock input
4
AIO(1)
Bi -directional
Programmable I/O terminal
5
P IO(0)
Bi -directional
Programmable I/O terminal , RX Enable
6
PIO(1)
Bi -directional
Programmable I/O terminal , TX Enable
7
PIO(2)
Bi -directional
Programmable I/O terminal , USB_PULL_UP , CLK_REQ_OUT
8
PIO(3)
Bi -directional
Programmable I/O terminal , USB_WAK E_UP , CLK_REQ_IN
9
PIO(4)
Bi -directional
Programmable I/O terminal , USB_ON , BT_Priority/Ch_Clk output for
co-existence signalling
10
GND
GND
Common ground
11
PIO(5)
Bi -directional
Programmable I/O terminal , USB_DETACH , BT_Active output for co -
existence signalling
12
PIO(6)
Bi -directional
Programmable I/O terminal , CLK_REQ , WLAN_Active/Ch_Data input
for for co-existence signalling
13
PIO(7)
Bi -directional
Programmable I/O terminal
14
PIO(8)
Bi -directional
Programmable I/O terminal
15
PIO(9)
Bi -directi onal Programmable I/O terminal
16
RESET
CMOS input
Reset input of module, Active low reset
17
VCC
Power
Module power supply input
18
GND
GND
Common ground
19
GND
GND
Common ground
20
USB_DP
Bi -directional
USB data plus
21
USB_DN
Bi -directional
USB da ta minus
22
PCM_SYNC
Bi -directional
Synchronous data sync
23
PCM_IN
CMOS input
Synchronous data input
24
PCM_OUT
CMOS output
Synchronous data output
25
PCM_CLK
Bi -directional
Synchronous data clock
26
UART_RX
CMOS input
UART data input
27
UART_TX
CMOS output
UART data output
28
UART_RTS
CMOS output
UART request to send(active low)
29
GND
GND
Common ground
30
UART_CTS
CMOS input
UART clear to send(active low)
31
SPI_MOSI
CMOS input
Serial Peripheral Interface data input
32
SPI_CSB
CMOS input
Chip select for Synchronous Serial Interface(active low)
33
SPI_CLK
CMOS input
Serial Peripheral Interface clock
34
SPI_MISO
CMOS output
Serial Peripheral Interface data output
35
PIO(11)
Bi -directional
Programmable I/O terminal
36
PIO(10)
Bi -directional
Programmable I/O terminal
37
RF_IO
Analogue
Antenna interface
38
GND
GND
Common ground
0121 270 6232 | www.lm-technologies.com | sales@lm-technologies.com


同様の部品番号 - LM-072

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM-071 ETC2-LM-071 Datasheet
1Mb / 6P
   Bluetooth Module ??Part Code LM-071 Class 2 BC04
More results

同様の説明 - LM-072

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM-071 ETC2-LM-071 Datasheet
1Mb / 6P
   Bluetooth Module ??Part Code LM-071 Class 2 BC04
BLUEM-G1X0 ETC-BLUEM-G1X0 Datasheet
885Kb / 15P
   Bluetooth Module
PARANI-BCD100 ETC-PARANI-BCD100 Datasheet
774Kb / 22P
   Bluetooth Module
logo
Sony Corporation
CXN1010 SONY-CXN1010 Datasheet
184Kb / 21P
   Bluetooth Module
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
   Bluetooth Module
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
   Bluetooth Module
BTM312 BUDDIES-BTM312 Datasheet
960Kb / 23P
   Bluetooth Module
BTM512 BUDDIES-BTM512 Datasheet
990Kb / 23P
   Bluetooth Module
BTM8610 BUDDIES-BTM8610 Datasheet
970Kb / 23P
   Bluetooth Module
BTM8610M BUDDIES-BTM8610M Datasheet
939Kb / 22P
   Bluetooth Module
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com