データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4001BCMX データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 CD4001BCMX
部品情報  Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4001BCMX データシート(HTML) 3 Page - Fairchild Semiconductor

  CD4001BCMX Datasheet HTML 1Page - Fairchild Semiconductor CD4001BCMX Datasheet HTML 2Page - Fairchild Semiconductor CD4001BCMX Datasheet HTML 3Page - Fairchild Semiconductor CD4001BCMX Datasheet HTML 4Page - Fairchild Semiconductor CD4001BCMX Datasheet HTML 5Page - Fairchild Semiconductor CD4001BCMX Datasheet HTML 6Page - Fairchild Semiconductor CD4001BCMX Datasheet HTML 7Page - Fairchild Semiconductor CD4001BCMX Datasheet HTML 8Page - Fairchild Semiconductor CD4001BCMX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The Electrical Characteristics tables provide conditions
for actual device operation.
Note 2: All voltages measured with respect to VSS unless otherwise speci-
fied.
DC Electrical Characteristics (Note 2)
Note 3: IOL and IOH are tested one output at a time.
AC Electrical Characteristics (Note 4)
CD4001BC: TA = 25°C, Input tr; tf = 20 ns. CL = 50 pF, RL = 200k. Typical temperature coefficient is 0.3%/°C.
Note 4: AC Parameters are guaranteed by DC correlated testing.
Voltage at any Pin
−0.5V to V
DD +0.5V
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
VDD Range
−0.5 V
DC to +18 VDC
Storage Temperature (TS)
−65°C to +150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Operating Range (VDD)3 VDC to 15 VDC
Operating Temperature Range
CD4001BC, CD4011BC
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C
+25°C
+125°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V, VIN = VDD or VSS
0.25
0.004
0.25
7.5
µA
Current
VDD = 10V, VIN = VDD or VSS
0.5
0.005
0.50
15
VDD = 15V, VIN = VDD or VSS
1.0
0.006
1.0
30
VOL
LOW Level
VDD = 5V
0.05
0
0.05
0.05
V
Output Voltage
VDD = 10V
|IO| < 1 µA
0.05
0
0.05
0.05
VDD = 15V
0.05
0
0.05
0.05
VOH
HIGH Level
VDD = 5V
4.95
4.95
5
4.95
V
Output Voltage
VDD = 10V
|IO| < 1 µA
9.95
9.95
10
9.95
VDD = 15V
14.95
14.95
15
14.95
VIL
LOW Level
VDD = 5V, VO = 4.5V
1.5
2
1.5
1.5
V
Input Voltage
VDD = 10V, VO = 9.0V
3.0
4
3.0
3.0
VDD = 15V, VO = 13.5V
4.0
6
4.0
4.0
VIH
HIGH Level
VDD = 5V, VO = 0.5V
3.5
3.5
3
3.5
V
Input Voltage
VDD = 10V, VO = 1.0V
7.0
7.0
6
7.0
VDD = 15V, VO = 1.5V
11.0
11.0
9
11.0
IOL
LOW Level Output
VDD = 5V, VO = 0.4V
0.64
0.51
0.88
0.36
mA
Current
VDD = 10V, VO = 0.5V
1.6
1.3
2.25
0.9
(Note 3)
VDD = 15V, VO = 1.5V
4.2
3.4
8.8
2.4
IOH
HIGH Level Output
VDD = 5V, VO = 4.6V
−0.64
−0.51
−0.88
−0.36
mA
Current
VDD = 10V, VO = 9.5V
−1.6
−1.3
−2.25
−0.9
(Note 3)
VDD = 15V, VO = 13.5V
−4.2
−3.4
−8.8
−2.4
IIN
Input Current
VDD = 15V, VIN = 0V
−0.10
−10−5
−0.10
−1.0
µA
VDD = 15V, VIN = 15V
0.1
10−5
0.10
1.0
Symbol
Parameter
Conditions
Typ
Max
Units
tPHL
Propagation Delay Time,
VDD = 5V
120
250
ns
HIGH-to-LOW Level
VDD = 10V
50
100
VDD = 15V
35
70
tPLH
Propagation Delay Time,
VDD = 5V
110
250
ns
LOW-to-HIGH Level
VDD = 10V
50
100
VDD = 15V
35
70
tTHL, tTLH
Transition Time
VDD = 5V
90
200
ns
VDD = 10V
50
100
VDD = 15V
40
80
CIN
Average Input Capacitance
Any Input
5
7.5
pF
CPD
Power Dissipation Capacity
Any Gate
14
pF


同様の部品番号 - CD4001BCMX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD4001BC NSC-CD4001BC Datasheet
167Kb / 6P
   Quad 2-Input NOR,NAND Buffered B Series Gate
CD4001BC NSC-CD4001BC Datasheet
164Kb / 6P
   Quad 2-Input NOR(NAND) Buffered B Series Gate
CD4001BCJ NSC-CD4001BCJ Datasheet
167Kb / 6P
   Quad 2-Input NOR,NAND Buffered B Series Gate
CD4001BCN NSC-CD4001BCN Datasheet
167Kb / 6P
   Quad 2-Input NOR,NAND Buffered B Series Gate
logo
List of Unclassifed Man...
CD4001BCN ETC2-CD4001BCN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

同様の説明 - CD4001BCMX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD4001BM NSC-CD4001BM Datasheet
167Kb / 6P
   Quad 2-Input NOR,NAND Buffered B Series Gate
CD4011BC NSC-CD4011BC Datasheet
164Kb / 6P
   Quad 2-Input NOR(NAND) Buffered B Series Gate
logo
Unisonic Technologies
CD4001B UTC-CD4001B Datasheet
186Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4001B UTC-UCD4001B Datasheet
168Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4001B UTC-UCD4001B_15 Datasheet
205Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B_15 Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
CD4011B UTC-CD4011B Datasheet
176Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
logo
Fairchild Semiconductor
CD4071BC FAIRCHILD-CD4071BC Datasheet
96Kb / 7P
   Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
CD4071BC FAIRCHILD-CD4071BC_02 Datasheet
101Kb / 7P
   Quad 2-Input OR Buffered B Series Gate Quad 2-Input AND Buffered B Series Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com