データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD40192BC データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 CD40192BC
部品情報  Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD40192BC データシート(HTML) 3 Page - Fairchild Semiconductor

  CD40192BC Datasheet HTML 1Page - Fairchild Semiconductor CD40192BC Datasheet HTML 2Page - Fairchild Semiconductor CD40192BC Datasheet HTML 3Page - Fairchild Semiconductor CD40192BC Datasheet HTML 4Page - Fairchild Semiconductor CD40192BC Datasheet HTML 5Page - Fairchild Semiconductor CD40192BC Datasheet HTML 6Page - Fairchild Semiconductor CD40192BC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The “Recommended
Operating Conditions” and Electrical Characteristics tables provide condi-
tions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Note 3: AC Parameters are guaranteed by DC correlated testing.
Note 4: IOH and IOL are tested one output at a time.
DC Supply Voltage (VDD)
−0.5 to +18 V
DC
Input Voltage (VIN)
−0.5toV
DD +0.5 VDC
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (V DD)
3 to 15 VDC
Input Voltage (VIN)
0 to VDD VDC
Operating Temperature Range (TA)
CD40192BC, CD40193BC
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°C
+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V, VIN = VDDor VSS
20
20
150
µA
Current
VDD = 10V, VIN = VDD or VSS
40
40
300
µA
VDD = 15V, VIN = VDD or V SS
80
80
600
µA
VOL
LOW Level
VDD = 5V
0.05
0.05
0.05
V
Output Voltage
VDD = 10V
0.05
0.05
0.05
V
VDD = 15V
0.05
0.05
0.05
V
VOH
HIGH Level
VDD = 5V
4.95
4.95
4.95
V
Output Voltage
VDD = 10V
9.95
9.95
9.95
V
VDD = 15V
14.95
14.95
14.95
V
VIL
LOW Level
VDD = 5V, VO = 0.5V or 4.5V
1.5
1.5
1.5
V
Input Voltage
VDD = 10V, VO = 1V or 9V
3.0
3.0
3.0
V
VDD = 15V, VO = 1.5V or 13.5V
4.0
4.0
4.0
V
VIH
HIGH Level
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
3.5
V
Input Voltage
VDD = 10V, VO = 1V or 9V
7.0
7.0
7.0
V
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
11.0
V
IOL
LOW Level Output
VDD = 5V, VO = 0.4V
0.52
0.44
0.88
0.36
mA
Current (Note 4)
VDD = 10V, VO = 0.5V
1.3
1.1
2.25
0.9
mA
VDD = 15V, VO = 1.5V
3.6
3.0
8.8
2.4
mA
IOH
HIGH Level Output
VDD = 5V, VO = 4.6V
−0.52
−0.44 −0.88
−0.36
mA
Current (Note 4)
VDD = 10V, VO = 9.5V
−1.3
−1.1
−2.25
−0.9
mA
VDD = 15V, VO = 13.5V
−3.6
−3.0
−8.8
−2.4
mA
IIN
Input Current
VDD = 15V, VIN = 0V
−0.3
−10−5
−0.3
−1.0
µA
VDD = 15V, V IN = 15V
0.3
10−5
0.3
1.0
µA


同様の部品番号 - CD40192BC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD40192BC NSC-CD40192BC Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
More results

同様の説明 - CD40192BC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
   Synchronous UP/Down Decade,4-bit binary Counter
logo
National Semiconductor ...
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
CD40192BM NSC-CD40192BM Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com