データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1MA152WALT3G データシート(PDF) 1 Page - Leshan Radio Company

部品番号 LM1MA152WALT3G
部品情報  Common Anode Silicon Dual Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LM1MA152WALT3G データシート(HTML) 1 Page - Leshan Radio Company

  LM1MA152WALT3G Datasheet HTML 1Page - Leshan Radio Company LM1MA152WALT3G Datasheet HTML 2Page - Leshan Radio Company LM1MA152WALT3G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
LM1MA152WALT1G
SOT–23
Shipping
3000/Tape & Reel
10000/Tape & Reel
ORDERING INFORMATION
DESCRIPTION
These Common Anode Silicon Epitaxial Planar Dual Diodes are
designed for use in ultra high speed switching applications. These
devices are housed in the SOT-23 package which is designed for low
power surface mount applications.
Features
Fast trr, < 10 ns
Low CD, < 15 pF
We declare that the material of product is ROHS compliant
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
80
Vdc
Peak Reverse Voltage
VRM
80
Vdc
Forward Current
IF
150
mAdc
Peak Forward Current
IFM
340
mAdc
Peak Forward Surge Current
IFSM
(Note 1)
750
mAdc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation
PD
225
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
− 55 to + 150
°C
1. t = 1 SEC
Device
Marking
LM1MA152WALT1G
MO
LM1MA152WALT3G
MO
3 ANODE
21
CATHODE
Common Anode Silicon
Dual Switching Diodes
A
RL
tr
tp
t
10%
90%
VR
tp = 2 ms
tr = 0.35 ns
IF
trr
t
Irr = 0.1 IR
IF = 10 mA
VR = 6 V
RL = 100 W
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
OUTPUT PULSE
Figure 1. Reverse Recovery Time Equivalent Test Circuit
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Condition
Min
Max
Unit
Forward Voltage
VF
IF = 100 mA
1.2
Vdc
Reverse Breakdown Voltage
VR
IR = 100 mA
80
Vdc
Diode Capacitance
CD
VR = 0, f = 1.0 MHz
15
pF
Reverse Recovery Time (Figure 1)
trr
(Note 2)
IF = 10 mA, VR = 6.0 V,
RL = 100 W, Irr = 0.1 IR
10
ns
2. trr Test Circuit
1
2
3
Rev.O 1/3


同様の部品番号 - LM1MA152WALT3G

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LM1MA152WAT1 LRC-LM1MA152WAT1 Datasheet
67Kb / 3P
   Common Anode Silicon Dual Switching diodes
LM1MA152WAT1G LRC-LM1MA152WAT1G Datasheet
67Kb / 3P
   Common Anode Silicon Dual Switching diodes
More results

同様の説明 - LM1MA152WALT3G

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
M1MAWAT1 LRC-M1MAWAT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WKT1 ETL-M1MA151WKT1 Datasheet
102Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP202U ONSEMI-DAP202U Datasheet
54Kb / 6P
   Common Anode Silicon Dual Switching Diodes
April, 2004 ??Rev. 4
DAP222 ONSEMI-DAP222_05 Datasheet
59Kb / 5P
   Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
logo
Leshan Radio Company
M1MA151WALT1 LRC-M1MA151WALT1 Datasheet
111Kb / 3P
   Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WAT1 ETL-M1MA151WAT1 Datasheet
118Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
Leshan Radio Company
M1MA151WKLT1 LRC-M1MA151WKLT1 Datasheet
102Kb / 3P
   Common Anode Silicon Dual Switching diodes
LM1MA151WAT1 LRC-LM1MA151WAT1 Datasheet
67Kb / 3P
   Common Anode Silicon Dual Switching diodes
logo
Motorola, Inc
M1MA151WAT1 MOTOROLA-M1MA151WAT1 Datasheet
85Kb / 6P
   Common Anode Silicon Dual Switching Diodes
logo
Leshan Radio Company
M1MA151WKT1 LRC-M1MA151WKT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP222 ONSEMI-DAP222 Datasheet
64Kb / 5P
   Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com