データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4030CN データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 CD4030CN
部品情報  Quad EXCLUSIVE-OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4030CN データシート(HTML) 3 Page - Fairchild Semiconductor

  CD4030CN Datasheet HTML 1Page - Fairchild Semiconductor CD4030CN Datasheet HTML 2Page - Fairchild Semiconductor CD4030CN Datasheet HTML 3Page - Fairchild Semiconductor CD4030CN Datasheet HTML 4Page - Fairchild Semiconductor CD4030CN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The Electrical Characteristics tables provide conditions
for actual device operation.
Note 2: This device should not be connected to circuits with power on
because high transient voltages may cause permanent damage.
DC Electrical Characteristics
Note 3: IDN and IDP are tested one output at a time.
AC Electrical Characteristics (Note 4)
Note 4: AC Parameters are guaranteed by DC correlated testing.
Voltage at Any Pin (Note 2)
VSS −0.3V to VSS +15.5V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VDD Range
VSS +3.0V to VSS +15V
Lead Temperature
(Soldering, 10 seconds)
260
°C
Limits
Symbol
Parameter
Conditions
−40°C
+25°C
+85°CUnits
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IL
Quiescent Device
VDD = 5.0V
5.0
0.05
5.0
70
µA
Current
VDD = 10V
10
0.1
10
140
µA
PD
Quiescent Device
VDD = 5.0V
25
0.25
25
350
µW
Dissipation Package
VDD = 10V
100
1.0
100
1,400
µW
VOL
Output Voltage
VDD = 5.0V
0.05
0
0.05
0.05
V
LOW Level
VDD = 10V
0.05
0
0.05
0.05
V
VOH
Output Voltage
VDD = 5.0V
4.95
4.95
5.0
4.95
V
HIGH Level
VDD = 10V
9.95
9.95
10
9.95
V
VNL
Noise Immunity
VDD = 5.0V
1.5
1.5
2.25
1.4
V
(All Inputs)
VDD = 10V
3.0
3.0
4.5
2.9
V
VNH
Noise Immunity
VDD = 5.0V
1.4
1.5
2.25
1.5
V
(All Inputs)
VDD = 10V
2.9
3.0
4.5
3.0
V
IDN
Output Drive Current
VDD = 5.0V
0.35
0.3
1.2
0.25
mA
N-Channel (Note 3)
VDD = 10V
0.7
0.6
2.4
0.5
mA
IDP
Output Drive Current
VDD = 5.0V
−0.21
−0.15
−0.6
−0.12
mA
P-Channel (Note 3)
VDD = 10 V
−0.45
−0.32
−1.3
−0.25
mA
II
Input Current
VI = 0V or VI = VDD
10
pA
Symbol
Parameter
Conditions
Limits
Units
Min
Typ
Max
tPHL
Propagation Delay Time
VDD = 5.0V
100
300
ns
VDD = 10V
40
150
ns
tPLH
Propagation Delay Time
VDD = 5.0V
100
300
ns
VDD = 10V
40
150
ns
tTHL
Transition Time
VDD = 5.0V
70
300
ns
HIGH-to-LOW Level
VDD = 10V
25
150
ns
tTLH
Transition Time
VDD = 5.0V
80
300
ns
LOW-to-HIGH Level
VDD = 10V
30
150
ns
CI
Input Capacitance
VI = 0V or VI = VDD
5.0
pF


同様の部品番号 - CD4030CN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD4030C NSC-CD4030C Datasheet
97Kb / 4P
   Quad EXCLUSIVE-OR Gate
More results

同様の説明 - CD4030CN

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
   Quad EXCLUSIVE-OR Gate
logo
STMicroelectronics
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
   QUAD EXCLUSIVE OR GATE
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
   QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
74LVQ86 STMICROELECTRONICS-74LVQ86 Datasheet
57Kb / 8P
   QUAD EXCLUSIVE OR GATE
February 1999
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
   Quad exclusive OR gate
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
   Quad Exclusive OR Gate
logo
Toshiba Semiconductor
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
   QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com