データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4066BCN データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 CD4066BCN
部品情報  Quad Bilateral Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4066BCN データシート(HTML) 2 Page - Fairchild Semiconductor

  CD4066BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4066BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4066BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4066BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4066BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4066BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4066BCN Datasheet HTML 7Page - Fairchild Semiconductor CD4066BCN Datasheet HTML 8Page - Fairchild Semiconductor CD4066BCN Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings
(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The tables of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provide con-
ditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Supply Voltage (VDD)
−0.5V to +18V
Input Voltage (VIN)
−0.5V to V
CC+0.5V
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
300
°C
Supply Voltage (VDD)
3V to 15V
Input Voltage (VIN)
0V to VDD
Operating Temperature Range (TA)
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°C
+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD = 5V
1.0
0.01
1.0
7.5
µA
VDD = 10V
2.0
0.01
2.0
15
µA
VDD = 15V
4.0
0.01
4.0
30
µA
SIGNAL INPUTS AND OUTPUTS
RON
“ON” Resistance
RL = 10 kΩ to (VDD − VSS/2)
VC = VDD, VSS to VDD
VDD = 5V
850
270
1050
1200
VDD = 10V
330
120
400
520
VDD = 15V
210
80
240
300
∆R
ON
∆“ON” Resistance Between
RL = 10 kΩ to (VDD − VSS/2)
Any 2 of 4 Switches
VCC = V DD, VIS = VSS to VDD
VDD = 10V
10
VDD = 15V
5
IIS
Input or Output Leakage
VC = 0
±50
±0.1
±50
±200
nA
Switch “OFF”
CONTROL INPUTS
VILC
LOW Level Input
VIS = V SS and VDD
Voltage
VOS = V DD and VSS
IIS = ± 10µA
VDD = 5V
1.5
2.25
1.5
1.5
V
VDD = 10V
3.0
4.5
3.0
3.0
V
VDD = 15V
4.0
6.75
4.0
4.0
V
VIHC
HIGH Level Input
VDD = 5V
3.5
3.5
2.75
3.5
V
Voltage
VDD = 10V (Note 7)
7.0
7.0
5.5
7.0
V
VDD = 15V
11.0
11.0
8.25
11.0
V
IIN
Input Current
VDD−VSS = 15V
± 0.3
± 10−5
± 0.3
± 1.0
µA
VDD≥VIS≥V SS
VDD≥VC≥V SS


同様の部品番号 - CD4066BCN

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
CD4066BCN FAIRCHILD-CD4066BCN Datasheet
114Kb / 9P
   Quad Bilateral Switch
logo
List of Unclassifed Man...
CD4066BCN ETC2-CD4066BCN Datasheet
115Kb / 9P
   Wide supply voltage range 3V to 15V
More results

同様の説明 - CD4066BCN

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com