データシートサーチシステム |
|
CD4099BC データシート(PDF) 3 Page - Fairchild Semiconductor |
|
CD4099BC データシート(HTML) 3 Page - Fairchild Semiconductor |
3 / 6 page 3 www.fairchildsemi.com Absolute Maximum Ratings(Note 1) (Note 2) Recommended Operating Conditions (Note 2) Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed; they are not meant to imply that the devices should be operated at these limits. The tables of “Recom- mended Operating Conditions” and “Electrical Characteristics” provide con- ditions for actual device operation. Note 2: VSS = 0V unless otherwise specified. DC Electrical Characteristics (Note 2) Note 3: IOH and IOL are tested one output at a time. DC Supply Voltage (VDD) −0.5 to +18 V DC Input Voltage (VIN) −0.5 to V DD +0.5 VDC Storage Temperature Range (TS) −65°C to +150°C Power Dissipation (PD) Dual-In-Line 700 mW Small Outline 500 mW Lead Temperature (TL) (Soldering, 10 seconds) 260 °C DC Supply Voltage (VDD) 3.0 to 15 VDC Input Voltage (VIN) 0 to VDD VDC Operating Temperature Range (TA) −40°C to +85°C Symbol Parameter Conditions −40°C +25°C +85°C Units Min Max Min Typ Max Min Max IDD Quiescent Device VDD = 5V, VIN = VDD or VSS 20 0.02 20 150 µA Current VDD = 10V, VIN = VDD or VSS 40 0.02 40 300 µA VDD = 15V, VIN = VDD or VSS 80 0.02 80 600 µA VOL LOW Level |IO| ≤ 1µA Output Voltage VDD = 5V 0.05 0 0.05 0.05 V VDD = 10V 0.05 0 0.05 0.05 V VDD = 15V 0.05 0 0.05 0.05 V VOH HIGH Level |IO| ≤ 1 µA Output Voltage VDD = 5V 4.95 4.95 5 4.95 V VDD = 10V 9.95 9.95 10 9.95 V VDD = 15V 14.95 14.95 15 14.95 V VIL LOW Level VDD = 5V, VO = 0.5V or 4.5V 1.5 2.25 1.5 1.5 V Input Voltage VDD = 10V, VO = 1.0V or 9.0V 3.0 4.5 3.0 3.0 V VDD = 15V, VO = 1.5V or 13.5V 4.0 6.75 4.0 4.0 V VIH HIGH Level VDD = 5V, VO = 0.5V or 4.5V 3.5 3.5 2.75 3.5 V Input Voltage VDD = 10V, VO = 1.0V or 9.0V 7.0 7.0 5.5 7.0 V VDD = 15V, VO = 1.5V or 13.5V 11.0 11.0 8.25 11.0 V IOL LOW Level Output VDD = 5V, VO = 0.4V 0.52 0.44 0.88 0.36 mA Current (Note 3) VDD = 10V, VO = 0.5V 1.3 1.1 2.25 0.9 mA VDD = 15V, VO = 1.5V 3.6 3.0 8.8 2.4 mA IOH HIGH Level Output VDD = 5V, VO = 4.6V −0.52 −0.44 −0.88 −0.36 mA Current (Note 3) VDD = 10V, VO = 9.5V −1.3 −1.1 −2.25 −0.9 mA VDD = 15V, VO = 13.5V −3.6 −3.0 −8.8 −2.4 mA IIN Input Current VDD = 15V, VIN = 0V −0.30 −10−5 −0.30 −1.0 µA VDD = 15V, VIN = 15V 0.30 10−5 0.30 1.0 µA |
同様の部品番号 - CD4099BC |
|
同様の説明 - CD4099BC |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |