データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4512BC データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 CD4512BC
部品情報  8-Channel Buffered Data Selector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4512BC データシート(HTML) 3 Page - Fairchild Semiconductor

  CD4512BC Datasheet HTML 1Page - Fairchild Semiconductor CD4512BC Datasheet HTML 2Page - Fairchild Semiconductor CD4512BC Datasheet HTML 3Page - Fairchild Semiconductor CD4512BC Datasheet HTML 4Page - Fairchild Semiconductor CD4512BC Datasheet HTML 5Page - Fairchild Semiconductor CD4512BC Datasheet HTML 6Page - Fairchild Semiconductor CD4512BC Datasheet HTML 7Page - Fairchild Semiconductor CD4512BC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The Recommended
Operating Conditions and Electrical Characteristics table provide condi-
tions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Note 3: IOH and IOL are tested one output at a time.
Supply Voltage (VDD)
−0.5 to +18 V
DC
Input Voltage (VIN)
−0.5 to V
DD + 0.5 VDC
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (P D)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature, (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (V DD)
3.0 to 15 VDC
Input Voltage (VIN)
0 to VDD VDC
Operating Temperature Range (TA)
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°C
+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V, VIN = VDD or VSS
20
0.005
20
150
µA
Current
VDD = 10V, VIN = VDD or VSS
40
0.010
40
300
µA
VDD = 15V, VIN = VDD or VSS
80
0.015
80
600
µA
VOL
LOW Level
VDD = 5V
0.05
0
0.05
0.05
V
Output Voltage
VDD = 10V
|IOL| < 1 µA
0.05
0
0.05
0.05
V
VDD = 15V
0.05
0
0.05
0.05
V
VOH
HIGH Level
VDD = 5V
4.95
4.95
5.0
4.95
V
Output Voltage
VDD = 10V
|I OH| < 1 µA
9.95
9.95
10.0
9.95
V
VDD = 15V
14.95
14.95
15.0
14.95
V
VIL
LOW Level
VDD = 5V, VO = 0.5V
1.5
2.25
1.5
1.5
V
Input Voltage
VDD = 10V, VO = 1.0V
3.0
4.50
3.0
3.0
V
VDD = 15V, VO = 1.5V
4.0
6.75
4.0
4.0
V
VIH
HIGH Level
VDD = 5V, VO = 4.5V
3.5
3.5
2.75
3.5
V
Input Voltage
VDD = 10V, VO = 9.0V
7.0
7.0
5.50
7.0
V
VDD = 15V, VO = 13.5V
11.0
11.0
8.25
11.0
V
IOL
LOW Level Output
VDD = 5V, VO = 0.4V
0.52
0.44
0.78
0.36
mA
Current
VDD = 10V, VO = 0.5V
1.3
1.1
2.0
0.9
mA
(Note 3)
VDD = 15V, VO = 1.5V
3.6
3.4
7.8
2.4
mA
IOH
HIGH Level Output
VDD = 5V, VO = 4.6V
−0.2
−0.16
−0.12
mA
Current
VDD = 10V, VO = 9.5
−0.5
−0.4
−0.3
mA
(Note 3)
VDD = 15V, V O = 13.5V
−1.4
−1.2
−1.0
mA
IIN
Input Current
VDD = 15V, VIN = 0V
−0.3
−10−5 −0.3
−1.0
µA
VDD = 15V, VIN = 15V
0.3
10−5
0.3
1.0
µA
IOZ
3-STATE
VDD = 15V, VO = 0V
±1.0
±10 −5
±1.0
±7.5
µA
Output Current
VDD = 15V, VO = 15V


同様の部品番号 - CD4512BC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD4512BC NSC-CD4512BC Datasheet
142Kb / 6P
   8-Channel Buffered Data Selector
CD4512BC NSC-CD4512BC Datasheet
142Kb / 6P
   8-Channel Buffered Data Selector
More results

同様の説明 - CD4512BC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD4512BC NSC-CD4512BC Datasheet
142Kb / 6P
   8-Channel Buffered Data Selector
CD4512BM NSC-CD4512BM Datasheet
142Kb / 6P
   8-Channel Buffered Data Selector
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B Datasheet
178Kb / 8P
   8-Channel Data Selector
March, 2000 ??Rev. 3
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP Datasheet
261Kb / 7P
   8-CHANNEL DATA SELECTOR
logo
Hitachi Semiconductor
HD14512B HITACHI-HD14512B Datasheet
81Kb / 7P
   8-channel Data Selector
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B_14 Datasheet
110Kb / 6P
   8-Channel Data Selector
July, 2014 ??Rev. 10
logo
List of Unclassifed Man...
MMC4512 ETC-MMC4512 Datasheet
116Kb / 4P
   8-CHANNEL DATA SELECTOR
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP_07 Datasheet
353Kb / 9P
   8-Channel Data Selector
logo
STMicroelectronics
HCF4512B STMICROELECTRONICS-HCF4512B_02 Datasheet
278Kb / 9P
   8 CHANNEL DATA SELECTOR
HCC4512B STMICROELECTRONICS-HCC4512B Datasheet
278Kb / 12P
   8-CHANNEL DATA SELECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com