データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5161BRMZ10 データシート(PDF) 5 Page - Analog Devices

部品番号 AD5161BRMZ10
部品情報  256-Position SPI/I2C Selectable Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5161BRMZ10 データシート(HTML) 5 Page - Analog Devices

  AD5161BRMZ10 Datasheet HTML 1Page - Analog Devices AD5161BRMZ10 Datasheet HTML 2Page - Analog Devices AD5161BRMZ10 Datasheet HTML 3Page - Analog Devices AD5161BRMZ10 Datasheet HTML 4Page - Analog Devices AD5161BRMZ10 Datasheet HTML 5Page - Analog Devices AD5161BRMZ10 Datasheet HTML 6Page - Analog Devices AD5161BRMZ10 Datasheet HTML 7Page - Analog Devices AD5161BRMZ10 Datasheet HTML 8Page - Analog Devices AD5161BRMZ10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD5161
Rev. B | Page 5 of 20
TIMING CHARACTERISTICS—5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ VERSIONS
VDD = +5V ± 10%, or +3V ± 10%; VA = VDD; VB = 0 V; –40°C < TA < +125°C; unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
SPI INTERFACE TIMING CHARACTERISTICS6, 10 (Specifications Apply to All Parts)
Clock Frequency
f
CLK
25
MHz
Input Clock Pulsewidth
t
CH, tCL
Clock level high or low
20
ns
Data Setup Time
t
DS
5
ns
Data Hold Time
t
DH
5
ns
CS Setup Time
t
CSS
15
ns
CS High Pulsewidth
t
CSW
40
ns
CLK Fall to CS Fall Hold Time
t
CSH0
0
ns
CLK Fall to CS Rise Hold Time
t
CSH1
0
ns
CS Rise to Clock Rise Setup
t
CS1
10
ns
I2C INTERFACE TIMING CHARACTERISTICS6, 11 (Specifications Apply to All Parts)
SCL Clock Frequency
f
SCL
400
kHz
t
BUF Bus Free Time between STOP and START
t
1
1.3
µs
t
HD;STA Hold Time (Repeated START)
t
2
After this period, the first clock pulse is
generated.
0.6
µs
t
LOW Low Period of SCL Clock
t
3
1.3
µs
t
HIGH High Period of SCL Clock
t
4
0.6
50
µs
t
SU;STA Setup Time for Repeated START Condition
t
5
0.6
µs
t
HD;DAT Data Hold Time
t
6
0.9
µs
t
SU;DAT Data Setup Time
t
7
100
ns
t
F Fall Time of Both SDA and SCL Signals
t
8
300
ns
t
R Rise Time of Both SDA and SCL Signals
t
9
300
ns
t
SU;STO Setup Time for STOP Condition
t
10
0.6
µs
NOTES
1 Typical specifications represent average readings at +25°C and V
DD = 5 V.
2 Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic.
3 V
AB = VDD, Wiper (VW) = no connect.
4 INL and DNL are measured at V
W with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. VA = VDD and VB = 0 V.
DNL specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions.
5 Resistor terminals A, B, W have no limitations on polarity with respect to each other.
6 Guaranteed by design and not subject to production test.
7 Measured at the A terminal. The A terminal is open circuited in shutdown mode.
8 P
DISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
9 All dynamic characteristics use V
DD = 5 V.
10 See timing diagram for location of measured values. All input control voltages are specified with t
R = tF = 2 ns (10% to 90% of 3 V) and timed from a voltage
level of 1.5 V.
11 See timing diagrams for locations of measured values.


同様の部品番号 - AD5161BRMZ10

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161BRMZ10-RL7 AD-AD5161BRMZ10-RL7 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161BRMZ100 AD-AD5161BRMZ100 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161BRMZ100-RL7 AD-AD5161BRMZ100-RL7 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
More results

同様の説明 - AD5161BRMZ10

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161 AD-AD5161 Datasheet
361Kb / 7P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161BRMZ100 AD-AD5161BRMZ100 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161_15 Datasheet
503Kb / 20P
   256-Position SPI/IC Selectable Digital Potentiometer
REV. B
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com