データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB1050 データシート(PDF) 1 Page - Leshan Radio Company

部品番号 SB1050
部品情報  Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB1050 データシート(HTML) 1 Page - Leshan Radio Company

  SB1050 Datasheet HTML 1Page - Leshan Radio Company SB1050 Datasheet HTML 2Page - Leshan Radio Company SB1050 Datasheet HTML 3Page - Leshan Radio Company SB1050 Datasheet HTML 4Page - Leshan Radio Company SB1050 Datasheet HTML 5Page - Leshan Radio Company SB1050 Datasheet HTML 6Page - Leshan Radio Company SB1050 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Feature & Dimensions
* Plastic package has underwriters laboratory
Flammability classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guarding for over voltage protection
* High temperature soldering guaranteed:
260
°C/10 seconds at terminals
Mechanical Data
Case
: JEDEC R-6, molded plastic over sky die
Terminals : Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
We declare that the material of product compliance
Weight
: 0.042oz., 1.19 g
with ROHS requirements
Mounting position
: Any
Handling precautin : None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter symbol
Symbol SB1035 SB1045 SB1050 SB1060 SB1080 SB10100
Unit
Device marking code
SB1035 SB1045 SB1050 SB1060 SB1080 SB10100
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
80
100V
Maximum RSM voltage
VRSM
35
45
50
60
80
100V
Maximum DC blocking voltage
VDC
35
45
50
60
80
100V
Maximum average forward rectified current
0.375" (9.5mm) lead length (See fig. 1)
IF(AV)A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM1
A
Thermal resistance, junction to ambient
R
θJA
°C/W
Operating storage temperature range
TJ
°C
storage temperature range
TSTG
°C
Electrical Characteristics Ratings at 25
°C ambient temperature unless otherwise specified.
Parameter symbol
Symbol SB1035 SB1045 SB1050 SB1060 SB1080 SB10100
Unit
Maximum instantaneous forward voltage at 10.0A
VF
0.60
0.70V
Maximum DC reverse current
TC = 25
°C
Ir
uA
Maximum DC reverse current
TC = 100
°C
Ir
uA
Typical junction capacitance at 4.0V, 1MHz
CJ
380
PF
Notes:
1. Thermal resistance from junction to ambient at 0.375
” (9.5mm) lead length, P.C.B. mounted
–55 to +150
–55 to +175
200
1000
0.55
0.90
SB1020 thru SB10100
Schottky Barrier Rectifiers
Reverse Voltage 35 to 100V Forward Current 10A
10.0
175
40
500


同様の部品番号 - SB1050

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SB1050 PANJIT-SB1050 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Transys Electronics
SB1050 TRSYS-SB1050 Datasheet
146Kb / 2P
   10 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1050 WTE-SB1050 Datasheet
39Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1050 WTE-SB1050 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1050 PANJIT-SB1050 Datasheet
425Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

同様の説明 - SB1050

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
SB1520 LRC-SB1520 Datasheet
356Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
SB2020 LRC-SB2020 Datasheet
85Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 20A
SB1220 LRC-SB1220 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
logo
Hi-Sincerity Mocroelect...
HSBR10100CT HSMC-HSBR10100CT Datasheet
174Kb / 4P
   Schottky Barrier Rectifiers (Reverse Voltage 100V to150V, Forward Current 10A)
logo
Leshan Radio Company
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com