データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM260B-E データシート(PDF) 6 Page - Leshan Radio Company

部品番号 SM260B-E
部品情報  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM260B-E データシート(HTML) 6 Page - Leshan Radio Company

  SM260B-E Datasheet HTML 1Page - Leshan Radio Company SM260B-E Datasheet HTML 2Page - Leshan Radio Company SM260B-E Datasheet HTML 3Page - Leshan Radio Company SM260B-E Datasheet HTML 4Page - Leshan Radio Company SM260B-E Datasheet HTML 5Page - Leshan Radio Company SM260B-E Datasheet HTML 6Page - Leshan Radio Company SM260B-E Datasheet HTML 7Page - Leshan Radio Company SM260B-E Datasheet HTML 8Page - Leshan Radio Company SM260B-E Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
标题Titile:
B. 载带
类型
SMA
SMB
SMC
W
12
±0.3
12±0.3
16
±0.3
P14
±0.1
8±0.1
8
±0.1
E
1.75
±0.1
1.75±0.1 1.75±0.1
F
5.5
±.05
5.5±0.05 7.5±.05
D0
1.55
±0.05 1.55±0.05 1.55±0.05
D1
1.5
±0.1
1.55±0.05 1.55±0.05
P04
±0.1
4±0.1
4
±0.1
P22
±0.05
2±0.05
2
±0.05
10P0
40
±0.2
40±0.2
40
±0.2
A0
2.79
±0.1
3.8±0.1
6.05
±0.1
B0
5.33
±0.1
5.4±0.1
8.31
±0.1
K0
2.36
±0.1
2.45±0.1 2.54±0.1
T
0.25
±0.05 0.25±0.05 0.25±0.05
2、SMD产品通用包装规范 General spec of SMD
5.2.1国内客户domestic
A. 7"卷盘reel
所有标签贴在卷盘负极 all the label on cathode side
A处:贴LRC标签;
B处:贴ROHS标签
C处:贴无卤标签 HF label
B. 13"卷盘 所有标签贴在卷盘负极 all the label on cathode side
(无卤产品才贴HF only)
A处:贴LRC标签;
B处:贴ROHS标签
C处:贴无卤标签(无卤产品才贴HF only)
4 页
塑封生产线SMD产品包装规范
第 3 版
第 0 次修改
文件编号: WI-258
Packaging specification of SMD
A
A
A
SEC.:A-A'
Ao
P2
P1
A
Do
A'
B
Po
B'
SEC.:B-B'
t
D1
C
C
C
C
产品负极端(编
带有孔一边)


同様の部品番号 - SM260B-E

メーカー部品番号データシート部品情報
logo
Bytes
SM260B BYTES-SM260B Datasheet
153Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM260B UNIOHM-SM260B Datasheet
67Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM260B SECOS-SM260B Datasheet
223Kb / 2P
   2.0 AMP Surface Mount Schottky Barrier Rectifiers
SM260B SECOS-SM260B Datasheet
230Kb / 2P
   2.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM260B TAYCHIPST-SM260B Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

同様の説明 - SM260B-E

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B LRC-SM220B Datasheet
188Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM120A-E LRC-SM120A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com