データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM330A データシート(PDF) 1 Page - Leshan Radio Company

部品番号 SM330A
部品情報  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM330A データシート(HTML) 1 Page - Leshan Radio Company

  SM330A Datasheet HTML 1Page - Leshan Radio Company SM330A Datasheet HTML 2Page - Leshan Radio Company SM330A Datasheet HTML 3Page - Leshan Radio Company SM330A Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260°C/10 seconds at terminals
Mechanical Data
Case
: JEDEC DO-214AC,
molded plastic over glass body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.0028 oz., 0.08 g
Handling precautin
:None
Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Maximum repetitive peak reverse voltage
VRRM
Maximum RMS voltage
VRMS
Maximum DC blocking voltage
VDC
Maximum average forward rectified current
0.375" (9.5mm) lead length (See fig. 1)
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Typical thermal resistance (Note 1)
RθJA
°C/W
Operating junction and storage temperature rang TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Maximum instantaneous forward voltage at 3.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
SM320A thru SM3100A
3.0
100
50
110
–40 to +125
0.50
0.70
0.85
0.5
10.0
Schottky Barrier Rectifiers
Reverse Voltage 20 to100V
Forward Current 3.0A
LESHAN RADIO COMPANY, LTD.
We declare that the material of product
compliance with RoHS requirements.
1/3
Parameter Symbol
symbol
Unit
SM
320A
SM
330A
SM
340A
SM
350A
SM
360A
SM
380A
SM
3100A
20
30
40
50
60
80
14
21
28
35
42
56
20
30
40
50
60
80
100
V
70
V
100
V
Parameter Symbol
symbol
Unit
SM
320A
SM
330A
SM
340A
SM
350A
SM
360A
SM
380A
SM
3100A


同様の部品番号 - SM330A

メーカー部品番号データシート部品情報
logo
UNIOHM CORPORATION
SM330A UNIOHM-SM330A Datasheet
66Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
SM330A TAYCHIPST-SM330A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
First Silicon Co., Ltd
SM330AF FS-SM330AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
SeCoS Halbleitertechnol...
SM330AS SECOS-SM330AS Datasheet
222Kb / 3P
   Voltage 20V ~ 200V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Leshan Radio Company
SM330A LRC-SM330A_15 Datasheet
178Kb / 4P
   Schottky Barrier Rectifiers
More results

同様の説明 - SM330A

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
First Silicon Co., Ltd
SM320AF FS-SM320AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B LRC-SM220B Datasheet
188Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM120A-E LRC-SM120A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM220B-E LRC-SM220B-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com