データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74ALS137M データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 DM74ALS137M
部品情報  3 to 8 Line Decoder/Demultiplexer with Address Latches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS137M データシート(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS137M Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS137M Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS137M Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS137M Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS137M Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS137M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
over recommended operating free air temperature range.
Symbol
Parameter
Conditions
From (Input)
Min
Max
Units
To (Output)
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
A, B, C
520
ns
LOW-to-HIGH Level Output
RL = 500Ω
to Y
tPHL
Propagation Delay Time
CL = 50 pF
A, B, C
620
ns
HIGH-to-LOW Level Output
to Y
tPLH
Propagation Delay Time
G2
412
ns
LOW-to-HIGH Level Output
to Y
tPHL
Propagation Delay Time
G2
515
ns
HIGH-to-LOW Level Output
to Y
tPLH
Propagation Delay Time
G1
517
ns
LOW-to-HIGH Level Output
to Y
tPHL
Propagation Delay Time
G1
515
ns
HIGH-to-LOW Level Output
to Y
tPLH
Propagation Delay Time
GL
722
ns
LOW-to-HIGH Level Output
to Y
tPHL
Propagation Delay Time
GL
720
ns
HIGH-to-LOW Level Output
to Y


同様の部品番号 - DM74ALS137M

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DM74ALS132 NSC-DM74ALS132 Datasheet
164Kb / 6P
   DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
DM74ALS132M NSC-DM74ALS132M Datasheet
164Kb / 6P
   DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
DM74ALS132N NSC-DM74ALS132N Datasheet
164Kb / 6P
   DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
logo
Fairchild Semiconductor
DM74ALS133 FAIRCHILD-DM74ALS133 Datasheet
43Kb / 4P
   13-Input NAND Gate
DM74ALS133M FAIRCHILD-DM74ALS133M Datasheet
43Kb / 4P
   13-Input NAND Gate
More results

同様の説明 - DM74ALS137M

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
   3-to-8 line decoder/demultiplexer with address latches
December 1990
74HC237N PHILIPS-74HC237N Datasheet
104Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC237-Q100 NEXPERIA-74HC237-Q100 Datasheet
792Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com