データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8011ARZ-REEL データシート(PDF) 11 Page - Analog Devices

部品番号 AD8011ARZ-REEL
部品情報  300 MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8011ARZ-REEL データシート(HTML) 11 Page - Analog Devices

Back Button AD8011ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8011ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8011ARZ-REEL Datasheet HTML 9Page - Analog Devices AD8011ARZ-REEL Datasheet HTML 10Page - Analog Devices AD8011ARZ-REEL Datasheet HTML 11Page - Analog Devices AD8011ARZ-REEL Datasheet HTML 12Page - Analog Devices AD8011ARZ-REEL Datasheet HTML 13Page - Analog Devices AD8011ARZ-REEL Datasheet HTML 14Page - Analog Devices AD8011ARZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. C
AD8011
–11–
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
FREQUENCY (Hz)
140
120
100
80
60
20
0
40
0
–40
–80
–120
–160
–200
–240
–280
PHASE
GAIN
TO(s)
Figure 9. Open-Loop Transimpedance Gain
Note that the ac open-loop plots in Figures 8, 9, and 10 are based
on the full SPICE AD8011 simulations and do not include
external parasitics (see equations below). Nevertheless, these ac
loop equations still provide a good approximation to simulated
and actual performance up to the CLBW of the amplifier. Typi-
cally, gmc
R1 is –4, resulting in AO(s) having a right half plane
pole. In the time domain (inverse Laplace of AO), it appears as
unstable, causing VO to exponentially rail out of its linear region.
When the loop is closed however, the BW is greatly extended and
the transimpedance gain, TO (s), overrides and directly controls
the amplifiers stability behavior due to ZI approaching 1/2 gmf
for s>>1/
τ1 (see Figure 10). This can be seen by the Z
I (s) and
AV (s) noninverting transfer equations below.
Zs
g
mc
R
S
g
mc
R
g
mf
S
I ()
( –
)
()
=
×
×
+
×+
11
1
11
1
21 1
τ
τ
As
G
G
A
R
T
S
G
g
mf
T
R
T
V
O
F
OO
F
O
()
=
++
+

 +
11
2
1
τ
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
400
370
340
310
280
220
190
FREQUENCY (Hz)
250
20
0
–20
–40
–120
160
130
100
–140
–160
–180
–60
–80
–100
SERIES 1
IMPEDANCE
ZI(s)
SERIES 2
PHASE
Figure 10. Open-Loop Inverting Input Impedance
ZI (s) goes positive real and approaches 1/2 gmf as
approaches
(gmc R1 – 1)/
τ1. This results in the input resistance for the A
V (s)
complex term being 1/2 gmf, the parallel thermal emitter
resistances of Q3/Q4. Using the computed CLBW from AV (s)
and the nominal design values for the other parameters, results in
a closed-loop 3 dB BW equal to the open-loop corner frequency
(1/2
πτ1) × 1/[G/(2 gmf
TO) + RF/TO]. For a fixed RF, the
3 dB BW is controlled by the RF/TO term for low gains and
G/(2 gmf
TO) for high gains. For example, using nominal design
parameters and R1 = 1 k
Ω (which results in a nominal TO of
1.2 M
Ω), the computed BW is 80 MHz for G = 0 (inverting
I-V mode with RN removed) and 40 MHz for G = +10/–9.
DRIVING CAPACITIVE LOADS
The AD8011 was designed primarily to drive nonreactive loads.
If driving loads with a capacitive component is desired, the best
settling response is obtained by the addition of a small series
resistance as shown in Figure 11. The accompanying graph shows
the optimum value for RSERIES versus capacitive load. It is worth
noting that the frequency response of the circuit when driving
large capacitive loads will be dominated by the passive roll-off
of RSERIES and CL.
1k
RL
1k
CL
RSERIES
1k
AD8011
Figure 11. Driving Capacitive Load


同様の部品番号 - AD8011ARZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8011AR AD-AD8011AR Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AR AD-AD8011AR Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AR AD-AD8011AR Datasheet
436Kb / 17P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results

同様の説明 - AD8011ARZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_15 Datasheet
436Kb / 17P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com