データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8801ARZ データシート(PDF) 8 Page - Analog Devices

部品番号 AD8801ARZ
部品情報  Octal 8-Bit TrimDAC with Power Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8801ARZ データシート(HTML) 8 Page - Analog Devices

Back Button AD8801ARZ Datasheet HTML 4Page - Analog Devices AD8801ARZ Datasheet HTML 5Page - Analog Devices AD8801ARZ Datasheet HTML 6Page - Analog Devices AD8801ARZ Datasheet HTML 7Page - Analog Devices AD8801ARZ Datasheet HTML 8Page - Analog Devices AD8801ARZ Datasheet HTML 9Page - Analog Devices AD8801ARZ Datasheet HTML 10Page - Analog Devices AD8801ARZ Datasheet HTML 11Page - Analog Devices AD8801ARZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
–8–
AD8801/AD8803
HOURS OF OPERATION AT 150
°C
0.04
–0.04
0
600
150
300
450
0
–0.02
0.02
VDD = +4.5V
VREF = +4.5V
SS = 162 PCS
x + 2
σ
x
x – 2
σ
Figure 19. Full-Scale Error Accelerated by Burn-In
HOURS OF OPERATION AT 150
°C
1.0
–1.0
0
600
150
300
450
0
–0.5
0.5
VDD = +4.5V
VREF = +4.5V
CODE = 55H
SS = 162 PCS
x + 2
σ
x
x – 2
σ
Figure 20. REF Input Resistance Accelerated by Burn-In
AD8801/
AD8803
VDD
DGND
10µF
0.1µF
+
+5V
Figure 22. Recommended Supply Bypassing for the
AD8801/AD8803
Buffering the AD8801/AD8803 Output
In many cases, the nominal 5 k
Ω output impedance of the
AD8801/AD8803 is sufficient to drive succeeding circuitry. If a
lower output impedance is required, an external amplifier can
be added. Several examples are shown in Figure 23. One ampli-
fier of an OP291 is used as a simple buffer to reduce the output
resistance of DAC A. The OP291 was chosen primarily for its
rail-to-rail input and output operation, but it also offers opera-
tion to less than 3 V, low offset voltage, and low supply current.
The next two DACs, B and C, are configured in a summing ar-
rangement where DAC C provides the coarse output voltage
setting and DAC B can be used for fine adjustment. The inser-
tion of R1 in series with DAC B attenuates its contribution to
the voltage sum node at the DAC C output.
APPLICATIONS
Supply Bypassing
Precision analog products, such as the AD8801/AD8803, re-
quire a well filtered power source. Since the AD8801/AD8803
operate from a single +3 V to +5 V supply, it seems convenient
to simply tap into the digital logic power supply. Unfortunately,
the logic supply is often a switch-mode design, which generates
noise in the 20 kHz to 1 MHz range. In addition, fast logic gates
can generate glitches hundred of millivolts in amplitude due to
wiring resistances and inductances.
If possible, the AD8801/AD8803 should be powered directly
from the system power supply. This arrangement, shown in Fig-
ure 21, will isolate the analog section from the logic switching
transients. Even if a separate power supply trace is not available,
however, generous supply bypassing will reduce supply-line in-
duced errors. Local supply bypassing consisting of a 10
µF tan-
talum electrolytic in parallel with a 0.1
µF ceramic capacitor is
recommended (Figure 22).
TTL/CMOS
LOGIC
CIRCUITS
+5V
POWER SUPPLY
10µF
TANT
0.1µF
AD8801/
AD8803
+
Figure 21. Use Separate Traces to Reduce Power Supply
Noise


同様の部品番号 - AD8801ARZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8801AR AD-AD8801AR Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801AR AD-AD8801AR Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
More results

同様の説明 - AD8801ARZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8803ARZ AD-AD8803ARZ Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801 AD-AD8801 Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803 AD-AD8803_15 Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801 AD-AD8801_15 Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC
REV. A
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com