データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74ALS153N データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 DM74ALS153N
部品情報  Dual 1-of-4 Line Data Selector/Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS153N データシート(HTML) 3 Page - Fairchild Semiconductor

  DM74ALS153N Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS153N Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS153N Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS153N Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS153N Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS153N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
78.0
°C/W
M Package
107.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2.6
mA
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, IIN = −18 mA
−1.5
V
VOH
HIGH Level
VCC = 4.5V, IOH = Max
2.4
3.2
V
Output Voltage
IOH = −400 µA, VCC = 4.5V to 5.5V
VCC − 2V
VOL
LOW Level
VCC = 4.5V
IOL = 24 mA
0.35
0.5
V
Output Voltage
II
Input Current at
VCC = 5.5V, VIN = 7V
0.1
mA
Max Input Voltage
IIH
High Level Input Current
VCC = 5.5V, VIN = 2.7V
20
µA
IIL
Low Level Input Current
VCC = 5.5V, VIN = 0.4V
−0.1
mA
IO
Output Drive Current
VCC = 5.5V, VOUT = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
7.5
14
mA
All Inputs
= 4.5V
Symbol
Parameter
Conditions
From
To
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
Select
Y
5
21
ns
LOW-to-HIGH Level Output
CL = 50 pF
tPHL
Propagation Delay Time
RL = 500Ω
Select
Y
5
21
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Data
Y
3
10
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Data
Y
4
15
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Strobe
Y
5
18
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Strobe
Y
5
18
ns
HIGH-to-LOW Level Output


同様の部品番号 - DM74ALS153N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS153N FAIRCHILD-DM74ALS153N Datasheet
72Kb / 6P
   Dual 1-of-4 Line Data Selector/Multiplexer
More results

同様の説明 - DM74ALS153N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74S153 FAIRCHILD-DM74S153 Datasheet
47Kb / 4P
   Dual 1-of-4 Line Data Selector/Multiplexer
DM74ALS153SJX FAIRCHILD-DM74ALS153SJX Datasheet
72Kb / 6P
   Dual 1-of-4 Line Data Selector/Multiplexer
logo
Texas Instruments
74AC11153 TI1-74AC11153 Datasheet
105Kb / 8P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTOR/MULTIPLEXER
74ACT11153 TI1-74ACT11153 Datasheet
85Kb / 5P
[Old version datasheet]   DUAL 1 OF 4 DATA SELECTOR/MULTIPLEXER
logo
Fairchild Semiconductor
DM74S253 FAIRCHILD-DM74S253 Datasheet
49Kb / 4P
   Dual 3-STATE 1-of-4 Line Data Selector/Multiplexer
DM74ALS253 FAIRCHILD-DM74ALS253 Datasheet
54Kb / 5P
   3-STATE Dual 1-of-4 Line Data Selector/Multiplexer
logo
Texas Instruments
74AC11352 TI1-74AC11352 Datasheet
103Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com