データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74ALS161BN データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 DM74ALS161BN
部品情報  Synchronous Four-Bit Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS161BN データシート(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS161BN Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS161BN Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS161BN Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS161BN Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS161BN Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS161BN Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS161BN Datasheet HTML 7Page - Fairchild Semiconductor DM74ALS161BN Datasheet HTML 8Page - Fairchild Semiconductor DM74ALS161BN Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006206
www.fairchildsemi.com
April 1984
Revised February 2000
DM74ALS161B • DM74ALS162B • DM74ALS163B
Synchronous Four-Bit Counter
General Description
These synchronous presettable counters feature an inter-
nal carry look ahead for application in high speed counting
designs. The DM74ALS162B is a four-bit decade counter,
while the DM74ALS161B and DM74ALS163B are four-bit
binary counters. The DM74ALS161B clears asynchro-
nously, while the DM74ALS162B and DM74ALS163B clear
synchronously. The carry output is decoded to prevent
spikes during normal counting mode of operation. Synchro-
nous operation is provided by having all flip-flops clocked
simultaneously so that outputs change coincident with
each other when so instructed by count enable inputs and
internal gating. This mode of operation eliminates the out-
put counting spikes which are normally associated with
asynchronous (ripple clock) counters. A buffered clock
input triggers the four flip-flops on the rising (positive-
going) edge of the clock input waveform.
These counters are fully programmable, that is, the outputs
may be preset to either level. As presetting is synchronous,
setting up a low level at the load input disables the counter
and causes the outputs to agree with set up data after the
next clock pulse regardless of the levels of enable input.
LOW-to-HIGH transitions at the load input are perfectly
acceptable regardless of the logic levels on the clock or
enable inputs.
The DM74ALS161B clear function is asynchronous. A low
level at the clear input sets all four of the flip-flop outputs
LOW regardless of the levels of clock, load or enable
inputs. These two counters are provided with a clear on
power-up feature. The DM74ALS162B and DM74ALS163B
clear function is synchronous; and a low level at the clear
input sets all four of the flip-flop outputs LOW after the next
clock pulse, regardless of the levels of enable inputs. This
synchronous clear allows the count length to be modified
easily, as decoding the maximum count desired can be
accomplished with one external NAND gate. The gate out-
put is connected to the clear input to synchronously clear
the counter to all low outputs. LOW-to-HIGH transitions at
the clear input of the DM74ALS162B and DM74ALS163B
are also permissible regardless of the levels of logic on the
clock, enable or load inputs.
The carry look ahead circuitry provides for cascading
counters for n bit synchronous application without addi-
tional gating. Instrumental in accomplishing this function
are two count enable inputs (P and T) and a ripple carry
output. Both count enable inputs must be HIGH to count.
The T input is fed forward to enable the ripple carry output.
The ripple carry output thus enabled will produce a high
level output pulse with a duration approximately equal to
the high level portion of QA output. This high level overflow
ripple carry pulse can be used to enable successive cas-
caded stages. HIGH-to-LOW level transitions at the enable
P
or
T
inputs
of
the
DM74ALS161B
through
DM74ALS163B may occur regardless of the logic level on
the clock.
The DM74ALS161B through DM74ALS163B feature a fully
independent clock circuit. changes made to control inputs
(enable P or T, or load) that will modify the operating mode
will have no effect until clocking occurs. The function of the
counter (whether enabled, disabled, loading or counting)
will be dictated solely by the conditions meeting the stable
set-up and hold times.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s Functionally and pin-for-pin compatible with Schottky
and low power Schottky TTL counterpart
s Improved AC performance over Schottky and low power
Schottky counterparts
s Synchronously programmable
s Internal look ahead for fast counting
s Carry output for n-bit cascading
s Synchronous counting
s Load control line
s ESD inputs
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
DM74ALS161BM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS161BN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
DM74ALS162BM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS162BN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
DM74ALS163BM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS163BN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


同様の部品番号 - DM74ALS161BN

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS165 FAIRCHILD-DM74ALS165 Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165M FAIRCHILD-DM74ALS165M Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165MX FAIRCHILD-DM74ALS165MX Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165N FAIRCHILD-DM74ALS165N Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165NX FAIRCHILD-DM74ALS165NX Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
More results

同様の説明 - DM74ALS161BN

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74AS161 FAIRCHILD-DM74AS161 Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
logo
LSI Computer Systems
LS7566 LSI-LS7566 Datasheet
87Kb / 13P
   24-BIT FOUR-AXES QUADRATURE COUNTER
logo
STMicroelectronics
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
logo
Texas Instruments
SN74F163A TI-SN74F163A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
logo
STMicroelectronics
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
logo
Texas Instruments
SN74F163A TI-SN74F163A_06 Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
74AC11160 TI-74AC11160 Datasheet
115Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
logo
STMicroelectronics
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com