データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSE350STU データシート(PDF) 2 Page - Diodes Incorporated

部品番号 KSE350STU
部品情報  High Voltage General Purpose Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

KSE350STU データシート(HTML) 2 Page - Diodes Incorporated

  KSE350STU Datasheet HTML 1Page - Diodes Incorporated KSE350STU Datasheet HTML 2Page - Diodes Incorporated KSE350STU Datasheet HTML 3Page - Diodes Incorporated KSE350STU Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A1, December 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Safe Operating Area
Figure 4. Power Derating
-1
-10
-100
-1000
1
10
100
1000
V
CE = 10V
I
C[A], COLLECTOR CURRENT
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
IC = 10IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
-10
-100
-1000
-10
-100
-1000
-10000
DC
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
5
10
15
20
25
T
C[
o
C], CASE TEMPERATURE


同様の部品番号 - KSE350STU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KSE350S FAIRCHILD-KSE350S Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
More results

同様の説明 - KSE350STU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
MJE350 FAIRCHILD-MJE350 Datasheet
36Kb / 4P
   High Voltage General Purpose Applications
KSE340S FAIRCHILD-KSE340S Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
MJE340 FAIRCHILD-MJE340 Datasheet
37Kb / 4P
   High Voltage General Purpose Applications
KSE350S FAIRCHILD-KSE350S Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
KSE340 FAIRCHILD-KSE340 Datasheet
38Kb / 4P
   High Voltage General Purpose Applications
KSE350 FAIRCHILD-KSE350 Datasheet
38Kb / 4P
   High Voltage General Purpose Applications
logo
New Jersey Semi-Conduct...
BCY70 NJSEMI-BCY70 Datasheet
106Kb / 3P
   GENERAL PURPOSE APPLICATIONS
logo
Micross Components
HMC338 MICROSS-HMC338 Datasheet
949Kb / 11P
   General Purpose Applications
logo
Fairchild Semiconductor
KSC2001 FAIRCHILD-KSC2001 Datasheet
25Kb / 3P
   General Purpose Applications
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
42Kb / 4P
   HIGH VOLTAGE GENERAL PURPOSE
October 1988
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com