データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74ALS374NX データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 DM74ALS374NX
部品情報  Octal 3-STATE D-Type Edge-Triggered Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS374NX データシート(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS374NX Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS374NX Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS374NX Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS374NX Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS374NX Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS374NX Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS374NX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Symbol
Parameter
Conditions
From
To
Min
Max
Units
fMAX
Maximum Clock Frequency
VCC = 4.5V to 5.5V
35
MHz
tPLH
Propagation Delay Time
RL = 500Ω
Clock
Any Q
3
12
ns
LOW-to-HIGH Level Output
CL = 50 pF
tPHL
Propagation Delay Time
Clock
Any Q
5
16
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
Output
Any Q
5
17
ns
to HIGH Level Output
Control
tPZL
Output Enable Time
Output
Any Q
7
18
ns
to LOW Level Output
Control
tPHZ
Output Disable Time
Output
Any Q
2
10
ns
from HIGH Level Output
Control
tPLZ
Output Disable Time
Output
Any Q
3
18
ns
from LOW Level Output
Control


同様の部品番号 - DM74ALS374NX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS373 FAIRCHILD-DM74ALS373 Datasheet
71Kb / 7P
   Octal D-Type 3-STATE Transparent Latch
logo
National Semiconductor ...
DM74ALS373 NSC-DM74ALS373 Datasheet
125Kb / 6P
   Octal D-Type TRI-STATE Transparent Latch
logo
Fairchild Semiconductor
DM74ALS373N FAIRCHILD-DM74ALS373N Datasheet
71Kb / 7P
   Octal D-Type 3-STATE Transparent Latch
logo
National Semiconductor ...
DM74ALS373N NSC-DM74ALS373N Datasheet
125Kb / 6P
   Octal D-Type TRI-STATE Transparent Latch
logo
Fairchild Semiconductor
DM74ALS373SJ FAIRCHILD-DM74ALS373SJ Datasheet
71Kb / 7P
   Octal D-Type 3-STATE Transparent Latch
More results

同様の説明 - DM74ALS374NX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
MM74HC574 FAIRCHILD-MM74HC574 Datasheet
90Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
MM74HC574SJX FAIRCHILD-MM74HC574SJX Datasheet
105Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
logo
ON Semiconductor
MM74HC574 ONSEMI-MM74HC574 Datasheet
145Kb / 8P
   3-State Octal D-Type Edge-Triggered Flip-Flop
November, 2017 ??Rev. 2
logo
Texas Instruments
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374AT TI1-SN74LV374AT Datasheet
874Kb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-EP TI1-SN74LV374A-EP Datasheet
446Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN64BCT374 TI1-SN64BCT374 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com