データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPIC2112 データシート(PDF) 4 Page - Motorola, Inc

部品番号 MPIC2112
部品情報  HIGH AND LOW SIDE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPIC2112 データシート(HTML) 4 Page - Motorola, Inc

  MPIC2112 Datasheet HTML 1Page - Motorola, Inc MPIC2112 Datasheet HTML 2Page - Motorola, Inc MPIC2112 Datasheet HTML 3Page - Motorola, Inc MPIC2112 Datasheet HTML 4Page - Motorola, Inc MPIC2112 Datasheet HTML 5Page - Motorola, Inc MPIC2112 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPIC2112
4
Motorola Power Products Division Technical Data
LEAD DEFINITIONS
Symbol
Lead Description
VDD
Logic Supply
HIN
Logic Input for High Side Gate Driver Output (HO), In Phase
SD
Logic Input for Shutdown
LIN
Logic Input for Low Side Gate Driver Output (LO), In Phase
VSS
Logic Ground
VB
High Side Floating Supply
HO
High Side Gate Drive Output
VS
High Side Floating Supply Return
VCC
Low Side Supply
LO
Low Side Gate Drive Output
COM
Low Side Return
Figure 1. Input / Output Timing Diagram
Figure 2. Switching Time Waveform
Definitions
Figure 3. Deadtime Waveform Definitions
HIN
LIN
SD
HO
LO
HIN
LIN
HO
LO
10%
10%
90%
90%
ton
tr
50%
50%
toff
tf
Figure 4. Delay Matching Waveform
Definitions
50%
90%
HO
LO
SD
tsd
10%
50%
50%
90%
HIN
LIN
LO
HO
LO
HO
MT
MT


同様の部品番号 - MPIC2112

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MPIC2111 MOTOROLA-MPIC2111 Datasheet
159Kb / 6P
   HALF-BRIDGE DRIVER
MPIC2111D MOTOROLA-MPIC2111D Datasheet
159Kb / 6P
   HALF-BRIDGE DRIVER
MPIC2111P MOTOROLA-MPIC2111P Datasheet
159Kb / 6P
   HALF-BRIDGE DRIVER
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
MPIC2113DW MOTOROLA-MPIC2113DW Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
More results

同様の説明 - MPIC2112

メーカー部品番号データシート部品情報
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com