データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74AS161N データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 DM74AS161N
部品情報  Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS161N データシート(HTML) 1 Page - Fairchild Semiconductor

  DM74AS161N Datasheet HTML 1Page - Fairchild Semiconductor DM74AS161N Datasheet HTML 2Page - Fairchild Semiconductor DM74AS161N Datasheet HTML 3Page - Fairchild Semiconductor DM74AS161N Datasheet HTML 4Page - Fairchild Semiconductor DM74AS161N Datasheet HTML 5Page - Fairchild Semiconductor DM74AS161N Datasheet HTML 6Page - Fairchild Semiconductor DM74AS161N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006291
www.fairchildsemi.com
April 1984
Revised March 2000
DM74AS161 • DM74AS163
Synchronous 4-Bit Counter with Asynchronous Clear •
Synchronous 4-Bit Counter
General Description
These synchronous presettable counters feature an inter-
nal carry look ahead for application in high speed counting
designs. The DM74AS161 and DM74AS163 are 4-bit
binary counters. The DM74AS161 clear asynchronously,
while the DM74AS163 clear synchronously. The carry out-
put is decoded to prevent spikes during normal counting
mode of operation. Synchronous operation is provided by
having all flip-flops clocked simultaneously so that outputs
change coincident with each other when so instructed by
count enable inputs and internal gating. This mode of oper-
ation eliminates the output counting spikes which are nor-
mally
associated
with
asynchronous
(ripple
clock)
counters. A buffered clock input triggers the four flip-flops
on the rising (positive-going) edge of the clock input wave-
form.
These counters are fully programmable, that is, the outputs
may each be preset to either level. As presetting is syn-
chronous, setting up a low level at the LOAD input disables
the counter and causes the outputs to agree with set up
data after the next clock pulse regardless of the levels of
enable input. LOW-to-HIGH transitions at the LOAD input
are perfectly acceptable regardless of the logic levels on
the clock or enable inputs.
The DM74AS161 clear function is asynchronous. A low
level at the clear input sets all four of the flip-flop outputs
LOW regardless of the levels of clock, load or enable
inputs. This counter is provided with a clear on power-up
feature. The DM74AS163 clear function is synchronous;
and a low level at the clear input sets all four of the flip-flop
outputs LOW after the next clock pulse, regardless of the
levels of enable inputs. This synchronous clear allows the
count length to be modified easily, as decoding the maxi-
mum count desired can be accomplished with one external
NAND gate. The gate output is connected to the clear input
to synchronously clear the counter to all LOW outputs.
LOW-to-HIGH
transitions
at
the
clear input
of the
DM74AS163 is also permissible regardless of the levels of
logic on the clock, enable or load inputs.
The carry look ahead circuitry provides for cascading
counters for n bit synchronous application without addi-
tional gating. Instrumental in accomplishing this function
are two count-enable inputs (P and T) and a ripple carry
output. Both count-enable inputs must be HIGH to count.
The T input is fed forward to enable the ripple carry output.
The ripple carry output thus enabled will produce a high
level output pulse with a duration approximately equal to
the high level portion of QA output. This high level overflow
ripple carry pulse can be used to enable successive cas-
caded stages. HIGH-to-LOW level transitions at the enable
P or T inputs of the DM74AS161 and DM74AS163, may
occur regardless of the logic level on the clock.
The DM74AS161 and DM74AS163 feature a fully indepen-
dent clock circuit. Changes made to control inputs (enable
P or T, or load) that will modify the operating mode will
have no effect until clocking occurs. The function of the
counter (whether enabled, disabled, loading or counting)
will be dictated solely by the conditions meeting the stable
set-up and hold times.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s Functionally and pin-for-pin compatible with Schottky
and low power Schottky TTL counterpart
s Improved AC performance over Schottky and low power
Schottky counterparts
s Synchronously programmable
s Internal look ahead for fast counting
s Carry output for n-bit cascading
s Synchronous counting
s Load control line
s ESD inputs
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
DM74AS161M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74AS161N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
DM74AS163M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74AS163N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


同様の部品番号 - DM74AS161N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74AS169A FAIRCHILD-DM74AS169A Datasheet
61Kb / 6P
   Synchronous 4-Bit Binary Up/Down Counter
DM74AS169AM FAIRCHILD-DM74AS169AM Datasheet
61Kb / 6P
   Synchronous 4-Bit Binary Up/Down Counter
DM74AS169AN FAIRCHILD-DM74AS169AN Datasheet
61Kb / 6P
   Synchronous 4-Bit Binary Up/Down Counter
More results

同様の説明 - DM74AS161N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
HCF40161B STMICROELECTRONICS-HCF40161B Datasheet
288Kb / 14P
   SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
logo
NXP Semiconductors
HEF40161B PHILIPS-HEF40161B Datasheet
152Kb / 10P
   4-bit synchronous binary counter with asynchronous reset
January 1995
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
NXP Semiconductors
HEF40160B PHILIPS-HEF40160B Datasheet
155Kb / 10P
   4-bit synchronous decade counter with asynchronous reset
January 1995
logo
Fairchild Semiconductor
74VHC161 FAIRCHILD-74VHC161 Datasheet
88Kb / 10P
   4-Bit Binary Counter with Asynchronous Clear
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com