データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74AS1804N データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 DM74AS1804N
部品情報  Hex 2-Input NAND Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS1804N データシート(HTML) 2 Page - Fairchild Semiconductor

  DM74AS1804N Datasheet HTML 1Page - Fairchild Semiconductor DM74AS1804N Datasheet HTML 2Page - Fairchild Semiconductor DM74AS1804N Datasheet HTML 3Page - Fairchild Semiconductor DM74AS1804N Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device can not be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range
Switching Characteristics
over recommended operating free air temperature range
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
58.3
°C/W
M Package
154.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−48
mA
IOL
LOW Level Output Current
48
mA
TA
Operating Free Air Temperature Range
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.2
V
VOH
HIGH Level
IOH = −2 mA, VCC = 4.5V to 5.5V
VCC −2
Output Voltage
IOH = −3 mA, VCC = 4.5V
2.4
3.2
V
IOH = Max, VCC = 4.5V
2
VOL
LOW Level Output Voltage
VCC = 4.5V, IOL = Max, VIH = 2V
0.5
V
II
Input Current at Maximum Input Voltage
VCC = 5.5V, VI = 7V
100
µA
IIH
HIGH Level Input Current
VCC = 5.5V, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VI = 0.4V
−500
µA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−50
−135
−200
mA
ICCH
Supply Current with Outputs HIGH
VCC = 5.5V
3.5
5
mA
ICCL
Supply Current with Outputs LOW
VCC = 5.5V
16
27
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
14
ns
LOW-to-HIGH Level Output
RL = 500Ω
tPHL
Propagation Delay Time
CL = 50 pF
14
ns
HIGH-to-LOW Level Output


同様の部品番号 - DM74AS1804N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74AS1805 FAIRCHILD-DM74AS1805 Datasheet
46Kb / 4P
   Hex 2-Input NOR Driver
DM74AS1805N FAIRCHILD-DM74AS1805N Datasheet
46Kb / 4P
   Hex 2-Input NOR Driver
DM74AS1805WM FAIRCHILD-DM74AS1805WM Datasheet
46Kb / 4P
   Hex 2-Input NOR Driver
More results

同様の説明 - DM74AS1804N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS804A FAIRCHILD-DM74ALS804A Datasheet
45Kb / 4P
   Hex 2-Input NAND Driver
logo
Texas Instruments
SN74AS1804 TI-SN74AS1804 Datasheet
69Kb / 4P
[Old version datasheet]   HEX 2-INPUT NAND DRIVER
logo
Fairchild Semiconductor
DM74AS804B FAIRCHILD-DM74AS804B Datasheet
43Kb / 4P
   Hex 2-Input NAND Driver
logo
NXP Semiconductors
74F804 PHILIPS-74F804 Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
logo
Texas Instruments
SN54ALS804A TI-SN54ALS804A_07 Datasheet
490Kb / 15P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54ALS1804A TI-SN54ALS1804A Datasheet
59Kb / 4P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54ALS804A TI-SN54ALS804A Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
logo
Fairchild Semiconductor
DM74AS1000A FAIRCHILD-DM74AS1000A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Driver
logo
Texas Instruments
SN74AS1808 TI1-SN74AS1808 Datasheet
172Kb / 6P
[Old version datasheet]   HEX 2-INPUT AND DRIVER
logo
Fairchild Semiconductor
DM74AS1805 FAIRCHILD-DM74AS1805 Datasheet
46Kb / 4P
   Hex 2-Input NOR Driver
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com