データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74AS244 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 DM74AS244
部品情報  3-STATE Bus Driver/Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS244 データシート(HTML) 2 Page - Fairchild Semiconductor

  DM74AS244 Datasheet HTML 1Page - Fairchild Semiconductor DM74AS244 Datasheet HTML 2Page - Fairchild Semiconductor DM74AS244 Datasheet HTML 3Page - Fairchild Semiconductor DM74AS244 Datasheet HTML 4Page - Fairchild Semiconductor DM74AS244 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Note 2: The output conditions have been chosen to produce a current that closely approximates one half the true short-circuit output current, IOS.
Supply Voltage, VCC
7V
Input Voltage
7V
Voltage Applied to Disabled Output
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
57.0
°C/W
M Package
76.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−15
mA
IOL
LOW Level Output Current
64
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, IIN = −18 mA
−1.2
V
VOH
HIGH Level
VCC = 4.5V, IOH = −3 mA
2.4
3.2
V
Output Voltage
VCC = 4.5V, IOH = Max
2.4
IOH = −2 mA, VCC = 4.5V to 5.5V
VCC−2
VOL
LOW Level Output Voltage
VCC = 4.5V, IOL = Max
0.35
0.55
V
II
Input Current at Max Input Voltage
VCC = 5.5V
VIN = 7V
Others
100
µA
IIH
HIGH Level Input Current
VCC = 5.5V, VIN = 2.7V
Others
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIN = 0.4V
AS240, (G, G),
µA
(Control Inputs),
−500
DM74AS244 (G)
DM74AS244 (A)
−1000
IOZH
HIGH Level 3-STATE Output Current VCC = 5.5V, V= 2.7V
50
µA
IOZL
LOW Level 3-STATE
VCC = 5.5V, V = 0.4V
DM74AS240,
−50
µA
Output Current
DM74AS244
IO (Note 2) Output Drive Current
VCC = 5.5V, VOUT = 2.25V
−50
−115
−150
mA
ICC
DM74AS240
VCC = 5.5V
Outputs HIGH
11
17
Supply Current
Outputs LOW
51
75
mA
3-STATE
24
38
ICC
DM74AS244
VCC = 5.5V
Outputs HIGH
22
34
Supply Current
Outputs LOW
60
90
mA
3-STATE
34
54


同様の部品番号 - DM74AS244

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74AS245 FAIRCHILD-DM74AS245 Datasheet
63Kb / 5P
   Octal Bus Transceiver with 3-STATE Outputs
DM74AS245N FAIRCHILD-DM74AS245N Datasheet
63Kb / 5P
   Octal Bus Transceiver with 3-STATE Outputs
DM74AS245SJ FAIRCHILD-DM74AS245SJ Datasheet
63Kb / 5P
   Octal Bus Transceiver with 3-STATE Outputs
DM74AS245WM FAIRCHILD-DM74AS245WM Datasheet
63Kb / 5P
   Octal Bus Transceiver with 3-STATE Outputs
More results

同様の説明 - DM74AS244

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM8T28 AMD-AM8T28 Datasheet
292Kb / 5P
   Schottky Three-State Quad Bus Driver/Receiver
logo
Fairchild Semiconductor
DM74ALS1240A FAIRCHILD-DM74ALS1240A Datasheet
39Kb / 4P
   Octal 3-STATE Bus Driver
DM74ALS244A FAIRCHILD-DM74ALS244A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A_07 Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
logo
Allegro MicroSystems
2470 ALLEGRO-2470 Datasheet
53Kb / 4P
   BUS DRIVER / RECEIVER
logo
Fairchild Semiconductor
DM74LS365A FAIRCHILD-DM74LS365A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com