データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM15T-Z データシート(PDF) 2 Page - AIMTEC

部品番号 AM15T-Z
部品情報  15Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15T-Z データシート(HTML) 2 Page - AIMTEC

  AM15T-Z_13 Datasheet HTML 1Page - AIMTEC AM15T-Z_13 Datasheet HTML 2Page - AIMTEC AM15T-Z_13 Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM15T-Z
15Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
2 of 3
North America only
Input Specifications (continued)
Parameters
Nominal
Typical
Maximum
Units
Peak Input Voltage time
1000
ms
Input reflected ripple current
20
mA p-p
Quiescent Current
15
mA
On/Off Control
ON – High (3.0 ... 12Vdc) or open circuit;
OFF – Low (0 ... 1.2Vdc) or Short circuit pin1 and pin 2/3
OFF idle current: 5.0 mA typ
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1600
VDC
Tested Case/Input and Output
1600
VDC
Resistance
>1000
MOhm
Capacitance
2000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance
Dual output
±5
%
Line voltage regulation
HL-LL
±0.5
%
Load voltage regulation (Single)
0% Load to Full Load
±0.5
%
Load voltage regulation (Dual)
0% Load to Full Load
±1.0
%
Over voltage protection
Zener diode clamp
Over current protection
Full Load
150
%
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Ripple & Noise
60
m Vp-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Operating temperature
Full Load with Derating above 60ºC
-40 to +85
oC
Storage temperature
-40 to +125
oC
Max Case temperature
100
oC
Temperature coefficient
±0.02
%/
oC
Derating
Above 60ºC
2.5 % per 1ºC
Cooling
Free air convection
Humidity
95
% RH
Case material
Nickel-coated Copper
Potting material
UL94V-0 rated
Weight
20.0
g
Dimensions (L x W x H)
Tolerance ±0.5 mm or ±0.02 inches
1.25 x 0.80 x 0.40 inches
31.80 x 20.30 x 10.20 mm
MTBF
> 460 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)


同様の部品番号 - AM15T-Z_13

メーカー部品番号データシート部品情報
logo
AIMTEC
AM15T-Z AIMTEC-AM15T-Z Datasheet
385Kb / 3P
   15Watt | DC-DC Converter
More results

同様の説明 - AM15T-Z_13

メーカー部品番号データシート部品情報
logo
AIMTEC
AM15CW-FZ AIMTEC-AM15CW-FZ Datasheet
159Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_12 Datasheet
142Kb / 4P
   15Watt | DC-DC Converter
logo
List of Unclassifed Man...
FEC15 ETC-FEC15 Datasheet
135Kb / 2P
   15WATT DC-DC CONVERTER
logo
AIMTEC
AM15C-Z AIMTEC-AM15C-Z Datasheet
332Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_13 Datasheet
320Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_12 Datasheet
308Kb / 4P
   15Watt | DC-DC Converter
AM15T-Z AIMTEC-AM15T-Z Datasheet
385Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_13 Datasheet
715Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z Datasheet
292Kb / 4P
   15Watt | DC-DC Converter
logo
GAPTEC Electronic GmbH ...
15ACEW GAPTEC-15ACEW Datasheet
580Kb / 5P
   15Watt - AC-DC converter
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com