データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74AS74N データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 DM74AS74N
部品情報  Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS74N データシート(HTML) 3 Page - Fairchild Semiconductor

  DM74AS74N Datasheet HTML 1Page - Fairchild Semiconductor DM74AS74N Datasheet HTML 2Page - Fairchild Semiconductor DM74AS74N Datasheet HTML 3Page - Fairchild Semiconductor DM74AS74N Datasheet HTML 4Page - Fairchild Semiconductor DM74AS74N Datasheet HTML 5Page - Fairchild Semiconductor DM74AS74N Datasheet HTML 6Page - Fairchild Semiconductor DM74AS74N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 3: The (
↑) arrow indicates the positive edge of the Clock is used for reference.
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
76.0
°C/W
M Package
107.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2mA
IOL
LOW Level Output Current
20
mA
fCLK
Clock Frequency
0
105
MHz
tW(CLK)
Width of Clock Pulse
HIGH
4
ns
LOW
5.5
ns
tW
Pulse Width Preset & Clear LOW
4
ns
tSU
Data Setup Time (Note 3)
4.5
ns
tSU
PRE or CLR Setup-Time (Note 3)
2
ns
tH
Data Hold Time (Note 3)
0
ns
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = 4.5V to 5.5V,
VCC − 2V
Output Voltage
IOH = −2 mA
VOL
LOW Level
VCC = 4.5V, VIH = Max,
0.35
0.5
V
Output Voltage
IOL = 20 mA
II
Input Current @ Max Input Voltage VCC = 5.5V, VIH = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = 5.5V,
Clock, D
20
µA
VIH = 2.7V
Preset, Clear
40
µA
IIL
LOW Level Input Current
VCC = 5.5V,
Clock, D
−0.5
mA
VIL = 0.4V
Preset, Clear
−1.8
mA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
10.5
16
mA


同様の部品番号 - DM74AS74N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74AS00 FAIRCHILD-DM74AS00 Datasheet
46Kb / 4P
   Quad 2-Input NAND Gate
DM74AS00M FAIRCHILD-DM74AS00M Datasheet
46Kb / 4P
   Quad 2-Input NAND Gate
DM74AS00N FAIRCHILD-DM74AS00N Datasheet
46Kb / 4P
   Quad 2-Input NAND Gate
DM74AS04 FAIRCHILD-DM74AS04 Datasheet
60Kb / 5P
   Hex Inverter
DM74AS04M FAIRCHILD-DM74AS04M Datasheet
60Kb / 5P
   Hex Inverter
More results

同様の説明 - DM74AS74N

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC74-Q1 TI1-SN74HC74-Q1_15 Datasheet
828Kb / 14P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
74ACT11074 TI-74ACT11074 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-EP TI1-SN74HC74-EP Datasheet
600Kb / 12P
[Old version datasheet]   DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74AHCT74-EP TI1-SN74AHCT74-EP Datasheet
434Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
74AC11074 TI-74AC11074 Datasheet
92Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
REVISED APRIL 1996
SN74LVC74 TI-SN74LVC74 Datasheet
84Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-EP TI1-SN74LVC74A-EP Datasheet
550Kb / 13P
[Old version datasheet]   DUAL POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-Q1 TI1-SN74LVC74A-Q1 Datasheet
222Kb / 11P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ACT74-EP TI1-SN74ACT74-EP Datasheet
285Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ALVC74 TI-SN74ALVC74 Datasheet
127Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com