データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74LS83A データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 DM74LS83A
部品情報  4-Bit Binary Adder with Fast Carry
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS83A データシート(HTML) 3 Page - Fairchild Semiconductor

  DM74LS83A Datasheet HTML 1Page - Fairchild Semiconductor DM74LS83A Datasheet HTML 2Page - Fairchild Semiconductor DM74LS83A Datasheet HTML 3Page - Fairchild Semiconductor DM74LS83A Datasheet HTML 4Page - Fairchild Semiconductor DM74LS83A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 4: ICC1 is measured with all outputs open, all B inputs LOW and all other inputs at 4.5V, or all inputs at 4.5V.
Note 5: ICC2 is measured with all outputs OPEN and all inputs grounded.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.7
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.35
0.5
Output Voltage
VIL = Max, VIH = Min
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max
VCC = Max
A or B
0.2
mA
Input Voltage
VI = 7V
C0
0.1
IIH
HIGH Level
VCC = Max
A or B
40
µA
Input Current
VI = 2.7V
C0
20
IIL
LOW Level
VCC = Max
A or B
−0.8
mA
Input Current
VI = 0.4V
C0
−0.4
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−20
−100
mA
ICC1
Supply Current
VCC = Max (Note 4)
19
34
mA
ICC2
Supply Current
VCC = Max (Note 5)
22
39
mA


同様の部品番号 - DM74LS83A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DM74LS83A NSC-DM74LS83A Datasheet
108Kb / 4P
   4-BIT BINARY ADDERS WITH FAST CARRY
DM74LS83AN NSC-DM74LS83AN Datasheet
108Kb / 4P
   4-BIT BINARY ADDERS WITH FAST CARRY
DM74LS83AWM NSC-DM74LS83AWM Datasheet
108Kb / 4P
   4-BIT BINARY ADDERS WITH FAST CARRY
More results

同様の説明 - DM74LS83A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74LS283 FAIRCHILD-DM74LS283 Datasheet
63Kb / 6P
   4-Bit Binary Adder with Fast Carry
DM74S283 FAIRCHILD-DM74S283 Datasheet
53Kb / 5P
   4-Bit Binary Adder with Fast Carry
logo
National Semiconductor ...
MM54HC283 NSC-MM54HC283 Datasheet
127Kb / 6P
   4-Bit Binary Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Texas Instruments
CD54AC283 TI-CD54AC283_07 Datasheet
404Kb / 12P
[Old version datasheet]   4-Bit Binary Fill Adder With Fast Carry
CD74AC283 TI-CD74AC283 Datasheet
254Kb / 10P
[Old version datasheet]   4-Bit Binary Fill Adder With Fast Carry
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com