データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM20P03-60D データシート(PDF) 1 Page - Analog Power

部品番号 AM20P03-60D
部品情報  P-Channel 32-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGPOWER [Analog Power]
ホームページ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM20P03-60D データシート(HTML) 1 Page - Analog Power

  AM20P03-60D Datasheet HTML 1Page - Analog Power AM20P03-60D Datasheet HTML 2Page - Analog Power AM20P03-60D Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM20P03-60I
Analog Power
January, 2005 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM20P03-60I_C
These miniature surface mount MOSFETs utilize
High Cell Density process. Low r
DS(on) assures
minimal power loss and conserves energy, making
this device ideal for use in power management
circuitry. Typical applications are PWMDC-DC
converters, power management in portable and
battery-powered products such as computers,
printers, battery charger, telecommunication power
system, and telephones power system.
VDS (V)
rDS(on) m(Ω)ID (A)
59 @ VGS = -10V
24
95 @ VGS = -4.5V
19
PRODUCT SUMMARY
-30
P-Channel 30-V (D-S) MOSFET
•Low r
DS(on) Provides Higher Efficiency and
Extends Battery Life
Miniature TO-251 Surface Mount Package
Saves Board Space
High power and current handling capability
Extended VGS range (±25) for battery pack
applications
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol Maximum Units
VDS
-30
VGS
±25
Continuous Drain Current
a
TA=25
oC ID
24
IDM
±40
IS
-30
A
Power Dissipation
a
TA=25
oC PD
50
W
TJ, Tstg -55 to 175
oC
Operating Junction and Storage Temperature Range
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
A
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
RθJA
50
oC/W
Maximum Junction-to-Case
RθJC
3.0
oC/W
THERMAL RESISTANCE RATINGS


同様の部品番号 - AM20P03-60D

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
AM20P03-60D-T1-PF VBSEMI-AM20P03-60D-T1-PF Datasheet
1,014Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

同様の説明 - AM20P03-60D

メーカー部品番号データシート部品情報
logo
Analog Power
AM4530C ANALOGPOWER-AM4530C Datasheet
231Kb / 8P
   P & N-Channel 32-V (D-S) MOSFET
AM8958C ANALOGPOWER-AM8958C Datasheet
243Kb / 8P
   P & N-Channel 32-V (D-S) MOSFET
AM3599C ANALOGPOWER-AM3599C Datasheet
223Kb / 7P
   N & P-Channel 32-V (D-S) MOSFET
AM4530CE ANALOGPOWER-AM4530CE Datasheet
212Kb / 3P
   P & N-Channel 32-V (D-S) MOSFET
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com