データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74S158 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 DM74S158
部品情報  Quad 1 of 2 Line Data Selector/Multiplexer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S158 データシート(HTML) 4 Page - Fairchild Semiconductor

  DM74S158 Datasheet HTML 1Page - Fairchild Semiconductor DM74S158 Datasheet HTML 2Page - Fairchild Semiconductor DM74S158 Datasheet HTML 3Page - Fairchild Semiconductor DM74S158 Datasheet HTML 4Page - Fairchild Semiconductor DM74S158 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
DM74S158 Recommended Operating Conditions
DM74S158 Electrical Characteristics
over recommended operating free air temperature (unless otherwise noted)
Note 5: All typicals are at VCC = 5V, TA = 25°C.
Note 6: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 7: ICC1 is measured with all outputs OPEN and all inputs at 4.5V.
Note 8: ICC2 is measured with B, G, and S inputs grounded, A inputs at 4.5V, and all outputs OPEN.
DM74S158 Switching Characteristics
at VCC = 5V and TA = 25 °C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−1mA
IOL
LOW Level Output Current
20
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 5)
VI
Input Clamp Voltage
VCC = Min, II = − 18 mA
−1.2
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.7
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.5
V
Output Voltage
VIH = Min, VIL = Max
II
Input Current @ Max Input Voltage VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level
VCC = Max
S or G
100
µA
Input Current
VI = 2.7V
A or B
50
IIL
LOW Level
VCC = Max
S or G
−4
mA
Input Current
VI = 0.5V
A or B
−2
IOS
Short Circuit Output Current
VCC = Max (Note 6)
−40
−100
mA
ICC1
Supply Current
VCC = Max (Note 7)
39
61
mA
ICC2
Supply Current
VCC = Max (Note 8)
81
mA
RL = 280Ω
Symbol
Parameter
From (Input)
CL = 15 pF
CL = 50 pF
Units
To (Output)
Min
Max
Min
Max
tPLH
Propagation Delay Time
Data to Y
6
9
ns
LOW to-HIGH Level Output
tPHL
Propagation Delay Time
Data to Y
6
9
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Strobe to Y
11.5
12
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Strobe to Y
12
14
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Select to Y
12
15
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Select to Y
12
15
ns
HIGH-to-LOW Level Output


同様の部品番号 - DM74S158

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DM74S158 NSC-DM74S158 Datasheet
128Kb / 5P
   QUAD 1 OF 2 LINE DATA SELECTORS/MULTIPLEXERS
DM74S158N NSC-DM74S158N Datasheet
128Kb / 5P
   QUAD 1 OF 2 LINE DATA SELECTORS/MULTIPLEXERS
More results

同様の説明 - DM74S158

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS157 FAIRCHILD-DM74ALS157 Datasheet
67Kb / 6P
   Quad 1-of-2 Line Data Selector/Multiplexer
DM74AS157 FAIRCHILD-DM74AS157 Datasheet
72Kb / 7P
   Quad 1 of 2 Line Data Selector/Multiplexer
DM74ALS257 FAIRCHILD-DM74ALS257 Datasheet
74Kb / 7P
   3-STATE Quad 1-of-2-Line Data Selector/Multiplexer
logo
STMicroelectronics
HCC40257B STMICROELECTRONICS-HCC40257B Datasheet
267Kb / 11P
   QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Texas Instruments
CD40257B TI-CD40257B Datasheet
182Kb / 4P
[Old version datasheet]   CMOS QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Intersil Corporation
CD40257BMS INTERSIL-CD40257BMS Datasheet
59Kb / 8P
   CMOS Quad 2 Line to 1 Line Data Selector/Multiplexer
December 1992
logo
Fairchild Semiconductor
DM74S257 FAIRCHILD-DM74S257 Datasheet
47Kb / 5P
   3-STATE Quad 1-of-2 Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com