データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DZ2S06200L データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 DZ2S06200L
部品情報  Silicon epitaxial planar type For constant voltage / For surge absorption circuit DZ2J062 in SSMini2 type package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DZ2S06200L データシート(HTML) 1 Page - Panasonic Semiconductor

  DZ2S06200L Datasheet HTML 1Page - Panasonic Semiconductor DZ2S06200L Datasheet HTML 2Page - Panasonic Semiconductor DZ2S06200L Datasheet HTML 3Page - Panasonic Semiconductor DZ2S06200L Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ver. EED
Publication date: July 2012
1
DZ2S062
Silicon epitaxial planar type
For constant voltage / For surge absorption circuit
DZ2J062 in SSMini2 type package
Features
Excellent rising characteristics of zener current Iz
Low zener operating resistance RZ
Halogen-free / RoHs compliant
(EU RoHS / UL-94 V-0 / MSL: Level 1 compliant)
Marking Symbol: FJ, FU
Packaging
DZ2S062×0L Embossed type (Thermo-compression sealing): 3000 pcs / reel (standard)
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Unit
Repetitive peak forward current
IFRM
200
mA
Total power dissipation *1
PT
150
mW
Electrostatic discharge *2
ESD
±
15
kV
Junction temperature
Tj
150
°
C
Storage temperature
Tstg
–55 to +150
°
C
Note) *1: Mounted on glass epoxy print board. (45 mm × 45 mm × 1 mm)
Solder in (0.8 mm × 0.6 mm)
*2: Test method:IEC61000-4-2 (C = 150 pF, R = 330 Ω, Contact discharge:10 times)
Common Electrical Characteristics Ta = 25°C±3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
V
Zener voltage *1, 2, 4
VZ
IZ = 5 mA
5.89
6.51
V
Zener operating resistance
RZ
IZ = 5 mA
30
Zener rise operating resistance
RZK
IZ = 0.5 mA
100
Reverse current
IR
VR = 4.0 V
0.2
m
A
Temperature coefficient of zener voltage *3
SZ
IZ = 5 mA
2.4
mV/°C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. Absolute frequency of input and output is 5 MHz.
3. *1: The temperature must be controlled 25°C for VZ measurement. VZ value measured at other temperature must be adjusted to VZ (25°C)
*2: VZ guaranteed 20 ms after current flow.
*3: Tj = 25°C to 150°C
*4: Rank classification
Code
M
0
Rank
M
No-rank
VZ
6.05 to 6.36
5.89 to 6.51
Marking Symbol
FU
FJ
Unit: mm
1: Cathode
2: Anode
Panasonic
SSMini2-F5-B
JEITA
SC-79
Code
SOD-523


同様の部品番号 - DZ2S06200L

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
DZ2S06800L PANASONIC-DZ2S06800L Datasheet
339Kb / 3P
   Silicon epitaxial planar type
logo
List of Unclassifed Man...
DZ2S068C ETC1-DZ2S068C Datasheet
4Mb / 46P
   Pioneer BA49183 RDS MEDIA CENTER RECEIVER
More results

同様の説明 - DZ2S06200L

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
DZ2S10000L PANASONIC-DZ2S10000L Datasheet
318Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit DZ2J100 in SSMini2 type package
logo
Panasonic Battery Group
DZ2J030M0L PANASONICBATTERY-DZ2J030M0L Datasheet
334Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
logo
Panasonic Semiconductor
DZ2J047X0L PANASONIC-DZ2J047X0L Datasheet
333Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J220 PANASONIC-DZ2J220 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J047M0L PANASONIC-DZ2J047M0L Datasheet
341Kb / 5P
   Silicon epitaxial planar type For constant voltage For surge absorption circuit
logo
Panasonic Battery Group
DZ2J220M0L PANASONICBATTERY-DZ2J220M0L Datasheet
336Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
logo
Panasonic Semiconductor
DZ2J140 PANASONIC-DZ2J140 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J130X0L PANASONIC-DZ2J130X0L Datasheet
335Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J100 PANASONIC-DZ2J100 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J033X0L PANASONIC-DZ2J033X0L Datasheet
334Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com