データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC5614 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FDC5614
部品情報  60V P-Channel Logic Level PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC5614 データシート(HTML) 4 Page - Fairchild Semiconductor

  FDC5614 Datasheet HTML 1Page - Fairchild Semiconductor FDC5614 Datasheet HTML 2Page - Fairchild Semiconductor FDC5614 Datasheet HTML 3Page - Fairchild Semiconductor FDC5614 Datasheet HTML 4Page - Fairchild Semiconductor FDC5614 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDC5614P Rev C1 (W)
Typical Characteristics
0
2
4
6
8
10
0
4
8
12
16
Qg, GATE CHARGE (nC)
ID = -3.0A
VDS = -10V
-20V
-30V
0
200
400
600
800
1000
1200
0
102030405060
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
f = 1 MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
100µs
RDS(ON) LIMIT
VGS = -10V
SINGLE PULSE
RθJA = 156
oC/W
TA = 25
oC
10ms
0
10
20
30
40
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 156°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) + RθJA
RθJA = 156°C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient themal response will change depending on the circuit board design.


同様の部品番号 - FDC5614

メーカー部品番号データシート部品情報
logo
TECH PUBLIC Electronics...
FDC5614P TECHPUBLIC-FDC5614P Datasheet
3Mb / 5P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
FDC5614P VBSEMI-FDC5614P Datasheet
696Kb / 9P
   P-Channel 60-V (D-S) MOSFET
FDC5614P-NL VBSEMI-FDC5614P-NL Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

同様の説明 - FDC5614

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDN5618P FAIRCHILD-FDN5618P Datasheet
385Kb / 8P
   60V P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
logo
Fairchild Semiconductor
SI9435DY FAIRCHILD-SI9435DY Datasheet
101Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com