データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2ZS160B データシート(PDF) 1 Page - First Components International

部品番号 2ZS160B
部品情報  2 Watt SURFACE MOUNT ZENER DIODES (110V to 350V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FCI [First Components International]
ホームページ  http://www.cotra.com.tw/
Logo FCI - First Components International

2ZS160B データシート(HTML) 1 Page - First Components International

  2ZS160B Datasheet HTML 1Page - First Components International 2ZS160B Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n 5 & 10% VOLTAGE
TOLERANCES AVAILABLE
Mechanical Dimensions
n WIDE VOLTAGE RANGE
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
2ZS100...350 Series
Data Sheet
2 Watt SURFACE MOUNT
ZENER DIODES (110V to 350V)
Units
DC Power Dissipation with T
L = 75
...P
D
Lead Length = .375 Inches
Derate Above 50
Operating & Storage Temperature Range...T
J, TSTRG
°C
°C
............................................. 2 ...............................................
............................................. 6.67 ...............................................
Watt
mW / °C
°C
......................................... -65 to 100 ..........................................
DO-214AC
(SMA)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
STORAGE AND OPERATING TEMPERATURE RANGE -55℃ TO + 150℃
ELECTRICAL CHARACTERISTICS (TA=25℃UNLESS OTHERWISE NOTED) VF=1.2V MAX, IF = 200mA FOR ALL TYPES
ZENER
BREAKDOWN
VOLTAGE
DYNAMIC IMPEDANCES
25℃TA
MAXIMUM REVERSE
CURRENT
@ MEASUREMENT
VOLTAGE AND 25℃TA
VZ
IZT
ZZT
IZK
ZZK
VR
IR
TYPE
V
mA
Ohms
mA
ohms
V
µA
2ZS110B
2ZS115B
2ZS120B
2ZS130B
2ZS140B
2ZS150B
2ZS160B
2ZS170B
2ZS180B
2ZS190B
2ZS200B
2ZS210B
2ZS220B
2ZS230B
2ZS240B
2ZS250B
2ZS260B
2ZS270B
2ZS280B
2ZS290B
2ZS300B
2ZS310B
2ZS320B
2ZS330B
2ZS340B
2ZS350B
110
115
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
270
280
290
300
310
320
330
340
350
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
750
750
850
1000
1200
1300
1500
2200
2200
2500
2500
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
8000
9000
9000
9000
9000
9000
9000
9000
9000
9000
9000
9500
9500
9500
9500
9500
80
85
90
95
105
110
120
130
140
150
165
165
170
175
180
190
195
200
210
215
220
225
233
240
250
260
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
NOTE︰STANDARD ± 20% ,
SUFFIX〝A〞± 10%,SUFFIX〝B〞± 5%
〝U〞+5% -0 %,SUFFIX 〝D〞+0% –5 %,
SUFFIX〝T〞±10V


同様の部品番号 - 2ZS160B

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
2ZS160B FRONTIER-2ZS160B Datasheet
121Kb / 2P
   2WATT SURFACE MOUNT ZENER DIODE
More results

同様の説明 - 2ZS160B

メーカー部品番号データシート部品情報
logo
First Components Intern...
MLL700 FCI-MLL700 Datasheet
102Kb / 2P
   2.4V to 110V MLL ZENER DIODES (1/2 Watt)
Z10-110 FCI-Z10-110 Datasheet
257Kb / 3P
   1 Watt ZENER DIODES (110V to 390V) Excellent Clamping Capability
logo
AiT Semiconductor Inc.
BZT52B2V0 AITSEMI-BZT52B2V0 Datasheet
456Kb / 6P
   2 PIN SURFACE MOUNT ZENER DIODES ZENER DIODES
REV1.2
logo
Micro Commercial Compon...
3SMBJ5913B-TP MCC-3SMBJ5913B-TP Datasheet
250Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
3SMBJ5918B MCC-3SMBJ5918B_18 Datasheet
347Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMBJ5333B MCC-SMBJ5333B Datasheet
1Mb / 4P
   5 Watt Surface Mount Silicon Zener Diodes
3SMAJ5930B-TP MCC-3SMAJ5930B-TP Datasheet
266Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com