データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC6323L データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDC6323L
部品情報  Integrated Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6323L データシート(HTML) 2 Page - Fairchild Semiconductor

  FDC6323L Datasheet HTML 1Page - Fairchild Semiconductor FDC6323L Datasheet HTML 2Page - Fairchild Semiconductor FDC6323L Datasheet HTML 3Page - Fairchild Semiconductor FDC6323L Datasheet HTML 4Page - Fairchild Semiconductor FDC6323L Datasheet HTML 5Page - Fairchild Semiconductor FDC6323L Datasheet HTML 6Page - Fairchild Semiconductor FDC6323L Datasheet HTML 7Page - Fairchild Semiconductor FDC6323L Datasheet HTML 8Page - Fairchild Semiconductor FDC6323L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
I
FL
Forward Leakage Current
V
IN = 8 V, VON/OFF = 0 V
1
µA
I
RL
Reverse Leakage Current
V
IN = -8 V, VON/OFF = 0 V
-1
µA
ON CHARACTERISTICS (Note 3)
V
IN
Input Voltage
3
8
V
V
ON/OFF
On/Off Voltage
1.5
8
V
V
DROP
Conduction Voltage Drop @ 1A
V
IN = 5 V, VON/OFF = 3.3 V
0.145
0.2
V
V
IN = 3.3 V, VON/OFF = 3.3 V
0.178
0.3
I
L
Load Current
V
DROP = 0.2 V, VIN = 5 V, VON/OFF = 3.3 V
1
A
V
DROP = 0.3 V, VIN = 3.3 V, VON/OFF = 3.3 V
1
Notes:
1. V
IN=8V, VON/OFF=8V, VDROP=0.5V, TA=25
oC
2. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed
by design while RθCA is determined by the user's board design.
PD
(t) = TJTA
R
θJ A(t) =
TJ
T
A
R
θJ C+RθCA(t) =
I D
2
(t) × R
DS
(ON)@T
J
Typical RθJA for single device operation using the board layouts shown below on FR-4 PCB in a still air environment:
a. 180
oC/W when mounted on a 2oz minimum copper pad.
Scale 1 : 1 on letter size paper
3. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%
FDC6323L Rev.F
2a


同様の部品番号 - FDC6323L

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDC6323L ONSEMI-FDC6323L Datasheet
251Kb / 7P
   Integrated Load Switch
October-2017, Rev. 6
logo
TECH PUBLIC Electronics...
FDC6323L-TP TECHPUBLIC-FDC6323L-TP Datasheet
3Mb / 7P
   Load Switch with Level-Shift
More results

同様の説明 - FDC6323L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
   Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com