データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC6327C データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 FDC6327C
部品情報  Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6327C データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button FDC6327C Datasheet HTML 4Page - Fairchild Semiconductor FDC6327C Datasheet HTML 5Page - Fairchild Semiconductor FDC6327C Datasheet HTML 6Page - Fairchild Semiconductor FDC6327C Datasheet HTML 7Page - Fairchild Semiconductor FDC6327C Datasheet HTML 8Page - Fairchild Semiconductor FDC6327C Datasheet HTML 9Page - Fairchild Semiconductor FDC6327C Datasheet HTML 10Page - Fairchild Semiconductor FDC6327C Datasheet HTML 11Page - Fairchild Semiconductor FDC6327C Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1998 Fairchild Semiconductor Corporation
Embo ssed
Carrier Tape
SSOT-6 Packaging
Configuration: Figur e 1.0
Comp onent s
Lead er Tape
500mm mi nimum or
125 emp ty poc kets
Traile r Tape
300mm mi nimum or
75 empty poc kets
SSOT-6 Tape Leader and Trailer
Configuration: Figur e 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
SSOT-6 Packaging Information
Standard
(no f l ow c ode )
D87Z
Packaging type
Reel Size
TNR
7" Dia
TNR
13"
Qty per Reel/Tube/Bag
3,000
10,000
Box Dimension (mm)
184x187x47
343x343x64
Max qty per Box
9,000
30,000
Weight per unit (gm)
0.0158
0.0158
Weight per Reel (kg)
0.1440
0.4700
F63TNR
Label
Customize Lab el
Anti static Cover Tape
184mm x 187mm x 47mm
Pizza Box fo r Standar d Opti on
F63TNR
Label
F63TNR Labe l
F63TNR Labe l sa mpl e
343mm x 342mm x 64mm
Intermediate bo x fo r D87Z Option
F63TNR
Label
SSOT-6 Unit Orientation
631
631
631
631
631
Pin 1
LOT: CBVK741B019
FSID: FDC633N
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 3000
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
Packaging Description:
SSOT-6 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
3,000 units per 7" or 177cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 10,000 units per 13"
or 330cm diameter reel. This and some other options are
described in the Packaging Information table.
These full reels are individually barcode labeled and
placed inside a pizza box (illustrated in figure 1.0) made of
recyclable corrugated brown paper with a Fairchild logo
printing. One pizza box contains three reels maximum.
And these pizza boxes are placed inside a barcode
labeled shipping box which comes in different sizes
depending on the number of parts shipped.
SuperSOTTM-6 Tape and Reel Data and Package Dimensions
August 1999, Rev. C


同様の部品番号 - FDC6327C

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
FDC6327C VBSEMI-FDC6327C Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

同様の説明 - FDC6327C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC6305N FAIRCHILD-FDC6305N Datasheet
246Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6890A FAIRCHILD-FDS6890A Datasheet
241Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ2552P FAIRCHILD-FDZ2552P Datasheet
52Kb / 4P
   Dual P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDN335N FAIRCHILD-FDN335N Datasheet
210Kb / 8P
   N-Channel 2.5V Specified PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com