データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC658P データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDC658P
部品情報  Single P-Channel, Logic Level, PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC658P データシート(HTML) 3 Page - Fairchild Semiconductor

  FDC658P Datasheet HTML 1Page - Fairchild Semiconductor FDC658P Datasheet HTML 2Page - Fairchild Semiconductor FDC658P Datasheet HTML 3Page - Fairchild Semiconductor FDC658P Datasheet HTML 4Page - Fairchild Semiconductor FDC658P Datasheet HTML 5Page - Fairchild Semiconductor FDC658P Datasheet HTML 6Page - Fairchild Semiconductor FDC658P Datasheet HTML 7Page - Fairchild Semiconductor FDC658P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDC658P Rev.C
0
1
2
3
4
0
4
8
12
16
20
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
-4.5V
-4.0V
-6.0V
-3.5V
-3.0V
V
= -10V
GS
0
4
8
12
16
20
0.8
1
1.2
1.4
1.6
1.8
2
- I
, DRAIN CURRENT (A)
V
= -4.0 V
GS
D
-10.0V
-4.5V
-6.0V
-8.0V
-5.0V
Typical Electrical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
Figure 3. On-Resistance Variation
with Temperature.
Figure 5. Transfer Characteristics.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.0001
0.001
0.01
0.1
1
10
20
-V
, BODY DIODE FORWARD VOLTAGE (V)
25°C
-55°C
V
= 0V
GS
SD
T = 125°C
J
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= -10V
GS
I = -4A
D
2
4
6
8
10
0
0.04
0.08
0.12
0.16
-V
, GATE TO SOURCE VOLTAGE (V)
GS
I = -2A
D
T = 125°C
J
T = 25°C
J
1
2
3
4
5
6
0
4
8
12
16
20
-V
, GATE TO SOURCE VOLTAGE (V)
V
= -5V
DS
GS
T = -55°C
J
125°C
25°C
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.


同様の部品番号 - FDC658P

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDC658AP FAIRCHILD-FDC658AP Datasheet
275Kb / 5P
   Single P-Channel Logic Level PowerTrench짰 MOSFET -30V, -4A, 50mOhm
logo
Guangdong Kexin Industr...
FDC658AP KEXIN-FDC658AP Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDC658AP VBSEMI-FDC658AP Datasheet
1,005Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

同様の説明 - FDC658P

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SI4425DY FAIRCHILD-SI4425DY Datasheet
119Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6575 FAIRCHILD-FDS6575 Datasheet
247Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675_07 Datasheet
515Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS4953 FAIRCHILD-FDS4953 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6975 FAIRCHILD-FDS6975 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR8308P FAIRCHILD-FDR8308P Datasheet
268Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com