データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDZ372NZ データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDZ372NZ
部品情報  N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ372NZ データシート(HTML) 3 Page - Fairchild Semiconductor

  FDZ372NZ Datasheet HTML 1Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 2Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 3Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 4Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 5Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 6Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.fairchildsemi.com
3
©2010 Fairchild Semiconductor Corporation
FDZ372NZ Rev.C2
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
0.0
0.5
1.0
1.5
0
4
8
12
V
GS = 2.5 V
V
GS = 3 V
V
GS = 1.8 V
V
GS = 2 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
V
GS = 1.5 V
V
GS = 4.5 V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure 2.
04
8
12
0.5
1.0
1.5
2.0
V
GS = 2 V
V
GS = 1.8 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 2.5 V
V
GS = 3 V
V
GS = 1.5 V
V
GS = 4.5 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On- Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
ID = 2 A
VGS = 4.5 V
TJ, JUNCTION TEMPERATURE (
oC
)
vs Junction Temperature
Figure 4.
0.0
1.5
3.0
4.5
0
50
100
150
200
TJ = 125 oC
ID = 2 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
0.5
1.0
1.5
2.0
0
4
8
12
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
20
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


同様の部品番号 - FDZ372NZ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDZ371PZ FAIRCHILD-FDZ371PZ Datasheet
274Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 75 m廓
FDZ375P FAIRCHILD-FDZ375P Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ375P FAIRCHILD-FDZ375P_10 Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
More results

同様の説明 - FDZ372NZ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDZ391P FAIRCHILD-FDZ391P Datasheet
256Kb / 7P
   P-Channel 1.5 V PowerTrench짰 Thin WL-CSP MOSFET
FDZ192NZ FAIRCHILD-FDZ192NZ Datasheet
309Kb / 7P
   N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET 20 V, 5.3 A, 39 m廓
FDZ375P FAIRCHILD-FDZ375P_10 Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ371PZ FAIRCHILD-FDZ371PZ Datasheet
274Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 75 m廓
FDZ375P FAIRCHILD-FDZ375P Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ197PZ FAIRCHILD-FDZ197PZ Datasheet
294Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.8 A, 64 m廓
FDZ191P_0612 FAIRCHILD-FDZ191P_0612 Datasheet
304Kb / 7P
   P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
FDZ291P FAIRCHILD-FDZ291P_06 Datasheet
247Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 BGA MOSFET
FDMA410NZ FAIRCHILD-FDMA410NZ Datasheet
315Kb / 7P
   Single N-Channel 1.5 V Specified PowerTrench짰 MOSFET 20 V, 9.5 A, 23 m廓
FDMA7628 FAIRCHILD-FDMA7628 Datasheet
248Kb / 7P
   Single N-Channel 1.5 V Specified PowerTrench짰 MOSFET 20 V, 9.4 A, 14.5 m廓
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com