データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD3670 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FDD3670
部品情報  100V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD3670 データシート(HTML) 1 Page - Fairchild Semiconductor

  FDD3670 Datasheet HTML 1Page - Fairchild Semiconductor FDD3670 Datasheet HTML 2Page - Fairchild Semiconductor FDD3670 Datasheet HTML 3Page - Fairchild Semiconductor FDD3670 Datasheet HTML 4Page - Fairchild Semiconductor FDD3670 Datasheet HTML 5Page - Fairchild Semiconductor FDD3670 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
January 2000
ADVANCE INFORMATION
2000 Fairchild Semiconductor Corporation
FDD3670 Rev A(W)
FDD3670
100V N-Channel PowerTrench
MOSFET
General Description
This
N-Channel
MOSFET
has
been
designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers.
These MOSFETs feature faster switching and lower
gate charge than other MOSFETs with comparable
RDS(ON) specifications.
The result is a MOSFET that is easy and safer to drive
(even at very high frequencies), and DC/DC power
supply designs with higher overall efficiency.
Features
• 34 A, 100 V. R
DS(ON) = 0.030
Ω @ V
GS = 10 V
RDS(ON) = 0.033
Ω @ V
GS = 6 V
• Low gate charge (57 nC typical)
• Fast switching speed
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability.
G
S
D
TO-252
S
D
G
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
100
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous
(Note 1)
34
A
Drain Current
– Pulsed
100
Maximum Power Dissipation @ TC = 25
°C
(Note 1)
70
@ TA = 25
°C
(Note 1a)
3.2
PD
@ TA = 25
°C
(Note 1b)
1.3
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
1.8
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
96
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDD3670
FDD3670
13’’
16mm
2500 units


同様の部品番号 - FDD3670

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD3670 FAIRCHILD-FDD3670 Datasheet
68Kb / 5P
   100V N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD3670 ISC-FDD3670 Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD3670 FAIRCHILD-FDD3670_01 Datasheet
68Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results

同様の説明 - FDD3670

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3616N FAIRCHILD-FDC3616N Datasheet
173Kb / 7P
   100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3680_0011 FAIRCHILD-FDS3680_0011 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDD3670 FAIRCHILD-FDD3670_01 Datasheet
68Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3670_0011 FAIRCHILD-FDS3670_0011 Datasheet
85Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com