データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD3682 データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FDD3682
部品情報  N-Channel PowerTrench MOSFET 100V, 32A, 36m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD3682 データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button FDD3682 Datasheet HTML 2Page - Fairchild Semiconductor FDD3682 Datasheet HTML 3Page - Fairchild Semiconductor FDD3682 Datasheet HTML 4Page - Fairchild Semiconductor FDD3682 Datasheet HTML 5Page - Fairchild Semiconductor FDD3682 Datasheet HTML 6Page - Fairchild Semiconductor FDD3682 Datasheet HTML 7Page - Fairchild Semiconductor FDD3682 Datasheet HTML 8Page - Fairchild Semiconductor FDD3682 Datasheet HTML 9Page - Fairchild Semiconductor FDD3682 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
FDD3682 Rev. B
Test Circuits and Waveforms
Figure 15. Unclamped Energy Test Circuit
Figure 16. Unclamped Energy Waveforms
Figure 17. Gate Charge Test Circuit
Figure 18. Gate Charge Waveforms
Figure 19. Switching Time Test Circuit
Figure 20. Switching Time Waveforms
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
+
-
VDS
VDD
DUT
Ig(REF)
L
VDD
Qg(TH)
VGS = 2V
Qg(TOT)
VGS = 10V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
Qgs2
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0


同様の部品番号 - FDD3682

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
FDD3682 ISC-FDD3682 Datasheet
336Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD3682-F085 ONSEMI-FDD3682-F085 Datasheet
368Kb / 12P
   N-Channel PowerTrench® MOSFET 100V, 32A, 36mΩ
September-2017, Rev. 1
logo
VBsemi Electronics Co.,...
FDD3682-NL VBSEMI-FDD3682-NL Datasheet
984Kb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDD3682 FAIRCHILD-FDD3682_10 Datasheet
426Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 32A, 36m廓
FDD3682_F085 FAIRCHILD-FDD3682_F085 Datasheet
426Kb / 11P
   N-Channel PowerTrench짰 MOSFET
More results

同様の説明 - FDD3682

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDB3682 FAIRCHILD-FDB3682 Datasheet
278Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 32A, 36m?
FDD3682 FAIRCHILD-FDD3682_10 Datasheet
426Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 32A, 36m廓
logo
ON Semiconductor
FDD3682-F085 ONSEMI-FDD3682-F085 Datasheet
368Kb / 12P
   N-Channel PowerTrench® MOSFET 100V, 32A, 36mΩ
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDB2552 FAIRCHILD-FDB2552 Datasheet
256Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 37A, 36m?
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com